Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62150 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62150
Description  3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62150 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62150 Datasheet HTML 1Page - Monolithic Power Systems MP62150 Datasheet HTML 2Page - Monolithic Power Systems MP62150 Datasheet HTML 3Page - Monolithic Power Systems MP62150 Datasheet HTML 4Page - Monolithic Power Systems MP62150 Datasheet HTML 5Page - Monolithic Power Systems MP62150 Datasheet HTML 6Page - Monolithic Power Systems MP62150 Datasheet HTML 7Page - Monolithic Power Systems MP62150 Datasheet HTML 8Page - Monolithic Power Systems MP62150 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP62150/MP62151
3.3V/5V, Single-Channel, 1.5A
Current-Limited Power Distribution Switch
MP62150/MP62151 Rev. 0.9
www.MonolithicPower.com
1
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62150/MP62151 Power Distribution Switch
features internal current limiting to prevent damage
to host devices due to faulty load conditions. The
MP62150/MP62151 operates from a 2.7V or 5.5V
nominal input voltage and includes 85mΩ Power
MOSFET to handle up to 1.5A continuous load with
a 2.3A typical current limit. The MP62150/MP62151
has built-in protection for both over current and
increased thermal stress. For over-current protection
(OCP), the device will limit the current by going into
a constant current mode.
When continuous output overload condition exceeds
power dissipation of the package, the thermal
protection will shut the part off. The device will
recover once the device temperature reduces to
approx 120
°C.
The MP62150/MP62151 is available in MSOP8
package with exposed pad.
FEATURES
•
1.5A Continuous Current
•
Accurate Current Limit
•
2.7V to 5.5V Supply Range
•
140uA Quiescent Current
•
85mΩ MOSFET
•
Thermal-Shutdown Protection
•
Under-Voltage Lockout
•
8ms FLAG Deglitch Time
•
No FLAG Glitch During Power Up
•
Reverse Current Blocking
•
Active High & Active Low Options
•
LL Recognized: E322138
APPLICATIONS
•
Notebook PC
•
Set-top-box
•
Telecom and Network Systems
•
PC Card Hot Swap
•
USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
OUT
MP62151
SINGLE-CHANNEL
1
2, 3
4
5
6, 7, 8
3.3V / 5V Input
To VBUS
USB Ports
FLAG
IN
GND
EN
UL Recognized Component


Similar Part No. - MP62150

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP6215DH MPS-MP6215DH Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
More results

Similar Description - MP62150

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com