Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62150 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62150
Description  3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62150 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62150 Datasheet HTML 1Page - Monolithic Power Systems MP62150 Datasheet HTML 2Page - Monolithic Power Systems MP62150 Datasheet HTML 3Page - Monolithic Power Systems MP62150 Datasheet HTML 4Page - Monolithic Power Systems MP62150 Datasheet HTML 5Page - Monolithic Power Systems MP62150 Datasheet HTML 6Page - Monolithic Power Systems MP62150 Datasheet HTML 7Page - Monolithic Power Systems MP62150 Datasheet HTML 8Page - Monolithic Power Systems MP62150 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP62150/MP62151 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62150/MP62151 Rev. 0.9
www.MonolithicPower.com
5
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =5.5V, TA = +25ºC, unless otherwise noted.
80
90
100
110
120
130
140
150
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
2.5
3 3.5
4 4.5
5 5.5
6
0
5
10
15
20
25
30
35
79
11
13
PEAK CURRENT (A)
2.2
2.4
2.6
2.8
3
3.2
2.5
3 3.5
4 4.5
5 5.5
6
INPUT CURRENT (V)
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.5
3 3.5
4 4.5
5 5.5
6
0
50
100
150
200
250
0
0.5
1
1.5
2
OUTPUT CURRENT (A)
0
20
40
60
100
80
120
140
160
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
2.533.544.555.5
6
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Vin=5.5V
Vin=5V
Vin=4.5V
Vin=3.3V
Vin=2.7V
INPUT VOLTAGE (V)
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
VIN=5V, IO=0.1A
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-45 -30 -15 0 15 30 45 60 75 90



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com