Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62350
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62350 Datasheet HTML 1Page - Monolithic Power Systems MP62350 Datasheet HTML 2Page - Monolithic Power Systems MP62350 Datasheet HTML 3Page - Monolithic Power Systems MP62350 Datasheet HTML 4Page - Monolithic Power Systems MP62350 Datasheet HTML 5Page - Monolithic Power Systems MP62350 Datasheet HTML 6Page - Monolithic Power Systems MP62350 Datasheet HTML 7Page - Monolithic Power Systems MP62350 Datasheet HTML 8Page - Monolithic Power Systems MP62350 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
2
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Temperature
MP62351ES
Active High
Dual
0.5A
750mA
SOIC8
MP62351EK
Active High
Dual
0.5A
750mA
MSOP8
MP62350ES
Active Low
Dual
0.5A
750mA
SOIC8
MP62350EK
Active Low
Dual
0.5A
750mA
MSOP8
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP62350/MP62351ES–Z). For RoHS Compliant Packaging, add suffix –LF
(eg. MP62350/MP62351ES–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
EN1*
FLAG1
FLAG2
EN2*
OUT1
IN
GND
OUT2
MSOP8
EN1*
FLAG1
FLAG2
EN2*
OUT1
IN
GND
OUT2
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8
*: EN is active high for MP62351
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8……………………………………......1.4W
MSOP8……………………………………....0.8W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............–65°C to +150°C
Operating Temperature..............–20°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 42...
°C/W
MSOP8 .................................. 150 ..... 65...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com