Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP62350
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP62350 Datasheet HTML 2Page - Monolithic Power Systems MP62350 Datasheet HTML 3Page - Monolithic Power Systems MP62350 Datasheet HTML 4Page - Monolithic Power Systems MP62350 Datasheet HTML 5Page - Monolithic Power Systems MP62350 Datasheet HTML 6Page - Monolithic Power Systems MP62350 Datasheet HTML 7Page - Monolithic Power Systems MP62350 Datasheet HTML 8Page - Monolithic Power Systems MP62350 Datasheet HTML 9Page - Monolithic Power Systems MP62350 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
6
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(continued)
VIN=5V, VEN=0V, CL=1uF, TA = +25ºC, unless otherwise noted.
Threshold Trip Current
vs. Input Voltage
Current Limit Response
vs. Peak Current
0.7
0.8
0.9
1
1.1
1.2
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
0
4
8
12
16
20
24
28
02
46
8
10
12
14
PEAK CURRENT (A)
EN
5V/div
Flag
5V/div
IOUT
500mV/div
VOUT
2V/div
Turn Off Delay and Fall Time
with Output Discharge
IOUT=0A
EN
5V/div
Flag
5V/div
IOUT
500mV/div
VOUT
2V/div
EN
5V/div
Flag
5V/div
IOUT
500mV/div
VOUT
2V/div
EN
5V/div
Flag
5V/div
IOUT
500mV/div
VOUT
2V/div
EN
5V/div
Flag
5V/div
IOUT
500mV/div
VOUT
2V/div
EN
5V/div
IOUT
200mA/div
IOUT
500mA/div
VOUT
2V/div
4ms/div
Turn Off Delay and Fall Time
with 1uF Load
IOUT=0.5A
Turn Off Delay and Fall Time
with 100uF Load
IOUT=0.5A
Threashold Trip Current
with Ramped Load
on Enabled Device
Turn On Delay and Rise Time
with 1uF Load
IOUT=0.5A
Turn On Delay and Rise Time
with 100uF Load
IOUT=0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com