Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62350
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62350 Datasheet HTML 1Page - Monolithic Power Systems MP62350 Datasheet HTML 2Page - Monolithic Power Systems MP62350 Datasheet HTML 3Page - Monolithic Power Systems MP62350 Datasheet HTML 4Page - Monolithic Power Systems MP62350 Datasheet HTML 5Page - Monolithic Power Systems MP62350 Datasheet HTML 6Page - Monolithic Power Systems MP62350 Datasheet HTML 7Page - Monolithic Power Systems MP62350 Datasheet HTML 8Page - Monolithic Power Systems MP62350 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
5
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VEN=0V, CL=1uF, TA = +25ºC, unless otherwise noted.
INPUT VOTAGE (V)
INPUT VOTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOTAGE (V)
1
1.5
2
2.5
3
3.5
2.5 3
3.5 4
4.5 5
5.5 6
2.2
2.3
2.4
2.5
2.6
2.7
2.5 3
3.5 4
4.5 5
5.5 6
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
2.5 3
3.5 4
4.5 5
5.5 6
30
35
40
45
50
55
2.5 3
3.5 4
4.5 5
5.5 6
60
70
80
90
100
110
2.5 3
3.5 4
4.5 5
5.5 6
Supply Current, Output
Enabled vs. Input Voltage
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-30 -15 0
15 30 45 60 75 90
Static Drain-Source
On-State Resistance Variation
vs. Ambient Temperature
IOUT=0.1A
70
80
90
100
110
120
130
140
2.5 3
3.5 4
4.5 5
5.5 6
Static Drain-Source
On-State Resistance
vs. Input Voltage
IOUT=0.5A
0
10
20
30
40
50
60
70
80
90
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7
OUTPUT CURRENT (A)
Input to Output Voltage
vs. Load Current
Current Limit vs.
Input Voltage
0.65
0.7
0.75
0.8
0.85
0.9
2.5 3
3.5 4
4.5 5
5.5 6
INPUT VOLTAGE (V)
Vin=5.5V
Vin=4V
Vin=5V
Vin=3.3V
Vin=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com