Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 5 Page - Microchip Technology

  TC77 Datasheet HTML 1Page - Microchip Technology TC77 Datasheet HTML 2Page - Microchip Technology TC77 Datasheet HTML 3Page - Microchip Technology TC77 Datasheet HTML 4Page - Microchip Technology TC77 Datasheet HTML 5Page - Microchip Technology TC77 Datasheet HTML 6Page - Microchip Technology TC77 Datasheet HTML 7Page - Microchip Technology TC77 Datasheet HTML 8Page - Microchip Technology TC77 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page 5
TC77
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all parameters apply at V
DD = 3.3V for the TC77-3.3MXX and VDD = 5.0V for the TC77-
5.0MXX, and TA = -55°C to +125°C. The TC77-3.3MXX and TC77-5.0MXX will operate from a supply voltage of 2.7V
to 5.5V. However, the temperature accuracy of the TC77-3.3MXX and TC77-5.0MXX is specified at the nominal oper-
ating voltages of 3.3V and 5.0V, respectively.
FIGURE 2-1:
Accuracy vs. Temperature
(TC77-XXMXX)
.
FIGURE 2-2:
Supply Current vs. Supply
Voltage (TC77-XXMXX).
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Shutdown Current vs.
Temperature.
FIGURE 2-5:
Power-On Reset Voltage vs.
Temperature (TC77-XXMXX).
FIGURE 2-6:
Temperature Accuracy vs.
Supply Voltage (TC77-3.3MXX).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-55 -35 -15
5
25
45
65
85 105 125
Reference Temperature (°C)
Upper Specification Limit
Lower Specification Limit
Mean + 3
Mean - 3
Mean
200
210
220
230
240
250
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
TA = +25°C
TA = +125°C
TA = -55°C
0
50
100
150
200
250
300
350
400
-55
-25
5
356595
125
Temperature (°C)
TC77-5.0MXX
VDD = 5.0 V
TC77-3.3MXX
VDD = 3.3 V
0.0
0.1
0.2
0.3
-55
-25
5
356595
125
Temperature (°C)
TC77-5.0MXX
VDD = 5.0 V
TC77-3.3MXX
VDD = 3.3 V
0.0
0.5
1.0
1.5
2.0
2.5
-55
-25
5
35
65
95
125
Temperature (°C)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
TC77-3.3MXX
TA = -25°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com