Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC77 Datasheet HTML 14Page - Microchip Technology TC77 Datasheet HTML 15Page - Microchip Technology TC77 Datasheet HTML 16Page - Microchip Technology TC77 Datasheet HTML 17Page - Microchip Technology TC77 Datasheet HTML 18Page - Microchip Technology TC77 Datasheet HTML 19Page - Microchip Technology TC77 Datasheet HTML 20Page - Microchip Technology TC77 Datasheet HTML 21Page - Microchip Technology TC77 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page19
TC77
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
TC77:
Thermal Sensor with SPI Interface
Supply Voltage:
3.3 = VDD = Accuracy optimized for 3.3V
5.0 = VDD = Accuracy optimized for 5.0V
Temperature Range:
M
= -55
°C to +125°C
Package:
CTTR = Plastic Small Outline Transistor (SOT-23),
5-lead (Tape and Reel only)
OA
= Plastic SOIC, (150 mil Body), 8-lead
Examples:
a)
TC77-3.3MOA: 3.3V Thermal Sensor in
SOIC package.
b)
TC77-5.0MOA: 5.0V Thermal Sensor in
SOIC package.
c)
TC77-3.3MOATR: 3.3V Thermal Sensor in
SOIC package, Tape and Reel.
d)
TC77-5.0MOATR: 5.0V Thermal Sensor in
SOIC package, Tape and Reel.
e)
TC77-3.3MCTTR: 3.3V Thermal Sensor in
SOT-23 package, Tape and Reel.
f)
TC77-5.0MCTTR: 5.0V Thermal Sensor in
SOT-23 package, Tape and Reel.
-X.X
Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com