Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC77 Datasheet HTML 6Page - Microchip Technology TC77 Datasheet HTML 7Page - Microchip Technology TC77 Datasheet HTML 8Page - Microchip Technology TC77 Datasheet HTML 9Page - Microchip Technology TC77 Datasheet HTML 10Page - Microchip Technology TC77 Datasheet HTML 11Page - Microchip Technology TC77 Datasheet HTML 12Page - Microchip Technology TC77 Datasheet HTML 13Page - Microchip Technology TC77 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC77
DS20092A-page 10
 2002 Microchip Technology Inc.
FIGURE 3-2:
Temperature Read Timing Diagram - (Reading only the first 13 Bits of the
Temperature Register).
FIGURE 3-3:
Temperature Read Followed By A Write To The Configuration Register Timing.
Diagram.
It is recommended that the user write all ‘0’s or all ‘1’s
to the Configuration register. While the following codes
can be transmitted to the TC77, any other code may
put the TC77 into a test mode reserved by Microchip for
calibration and production verification tests.
•00 hex
•01 hex
•03 hex
•07 hex
• 0F hex
• 1F hex
• 3F hex
• 7F hex
• FF hex
The following communication steps can be used to
obtain the Manufacturer's ID and put the device into the
Continuous Conversion mode. The Manufacturer’s ID
register is only accessible for a read operation, if the
TC77 is in Shutdown mode.
1.
CS goes low to initiate the communication cycle.
2.
Read 16 bits of temperature data from the
Temperature register.
3.
Write 16 bits of data (i.e. XXFF hex) to the Con-
figuration register to enter Shutdown mode.
4.
Read the 16 bits from the Manufacturer's ID reg-
ister (C15:C8 = 54 hex) to verify that the sensor
is a Microchip device.
5.
Write 8 to 16 bits of data (00 or 0000 hex) to
enter Continuous Conversion Mode.
6.
Return CS high to terminate the communication
cycle.
The time between a complete temperature conversion
and data transmission is approximately 300 msec.
CS
CLK
SI/O
tCS-SCK
HI-Z
HI-Z
TT
T
12
11
10
T
9
T
7
T
6
T
5
T
4
T
3
T
2
T
1
T
0
18
13
T
8
CS
CLK
SI/O
tCS-SCK
HI-Z
18
8
8
8
1
HI-Z
11
HI-Z
TEMPERATURE REGISTER
Notes:
1.
Bit 2 = 0 during power-up for the first
temperature conversion.
2.
Bit 2 =1 after the completion of the first tem-
perature conversion following power-up or a
reset event.
3.
Bits 1 and 0 are “DON”T CARES”.
CONFIGURATION REGISTER
Notes:
1.
XX00 = Continuous Conversion Mode
2.
XXFF = Shutdown Mode
T
12
T
11
T
10
T
9
T
8
T
7
T
6
T
5
T
4
T
3
T
2
T
1
T
0
BIT
2
C
15
C
14
C
13
C
12
C
11
C
10
C
9
C
8
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com