Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107ACLP Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7107ACLP
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACLP Datasheet(HTML) 3 Page - Microchip Technology

  TC7107ACLP Datasheet HTML 1Page - Microchip Technology TC7107ACLP Datasheet HTML 2Page - Microchip Technology TC7107ACLP Datasheet HTML 3Page - Microchip Technology TC7107ACLP Datasheet HTML 4Page - Microchip Technology TC7107ACLP Datasheet HTML 5Page - Microchip Technology TC7107ACLP Datasheet HTML 6Page - Microchip Technology TC7107ACLP Datasheet HTML 7Page - Microchip Technology TC7107ACLP Datasheet HTML 8Page - Microchip Technology TC7107ACLP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 3
TC7106/A/TC7107/A
Typical Application
VREF +
TC7106/A
TC7107
/A
9V
VREF
33
34
24 k
Ω
1k
Ω
29
36
39
38
40
0.47 µF
0.1 µF
V-
OSC1
OSC3
OSC2
To Analog
Common (Pin 32)
3 Conversions/Sec
200 mV Full Scale
C
OSC
100 k
Ω
47 k
Ω
0.22 µF
C
REF
-
CREF+
VIN+
VIN-
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
Segment
Drive
2 - 19
22 - 25
POL
BP
V+
Minus Sign
Backplane
Drive
28
R
OSC 100 pF
LCD Display (TC7106/A) or
Common Node with LED
Display (TC7107/A)
27
100 mV
1
26
35
VREF -
+
31
0.01 µF
Analog
Input
+
–
1M
Ω
30
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com