Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107ACLP Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7107ACLP
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACLP Datasheet(HTML) 5 Page - Microchip Technology

  TC7107ACLP Datasheet HTML 1Page - Microchip Technology TC7107ACLP Datasheet HTML 2Page - Microchip Technology TC7107ACLP Datasheet HTML 3Page - Microchip Technology TC7107ACLP Datasheet HTML 4Page - Microchip Technology TC7107ACLP Datasheet HTML 5Page - Microchip Technology TC7107ACLP Datasheet HTML 6Page - Microchip Technology TC7107ACLP Datasheet HTML 7Page - Microchip Technology TC7107ACLP Datasheet HTML 8Page - Microchip Technology TC7107ACLP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 5
TC7106/A/TC7107/A
Temperature Coefficient of Analog
Common (with Respect to Positive
Supply)
VCTC
——
—
—
25 k
Ω Between Common and
Positive Supply
7106/7/A
7106/7
20
80
50
—
ppm/°C
ppm/°C
0°C
≤ T
A ≤ +70°C
(“C” Commercial Temperature
Range Devices)
Temperature Coefficient of Analog
Common (with Respect to Positive
Supply)
VCTC
—
—
75
ppm/°C
0°C
≤ T
A ≤ +70°C
(“I” Industrial Temperature
Range Devices)
TC7106A ONLY Peak to Peak
Segment Drive Voltage
VSD
4
5
6
V
V+ to V- = 9V
(Note 4)
TC7106A ONLY Peak to Peak
Backplane Drive Voltage
VBD
4
5
6
V
V+ to V- = 9V
(Note 4)
TC7107A ONLY Segment Sinking
Current (Except Pin 19)
5
8.0
—
mA
V+ = 5.0V
Segment Voltage = 3V
TC7107A ONLY Segment Sinking
Current (Pin 19)
10
16
—
mA
V+ = 5.0V
Segment Voltage = 3V
TC7106/A AND TC7107/A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, specifications apply to both the TC7106/TC7106A and TC7107/TC7107A at
TA = +25°C, fCLOCK = 48 kHz. Parts are tested in the circuit of the Typical Operating Circuit.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Note
1: Input voltages may exceed the supply voltages, provided the input current is limited to ±100 µA.
2: Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
3: Refer to “Differential Input” discussion.
4: Backplane drive is in phase with segment drive for “OFF” segment, 180° out of phase for “ON” segment. Frequency is 20
times the conversion rate. Average DC component is less than 50 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com