Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107ACLP Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7107ACLP
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACLP Datasheet(HTML) 1 Page - Microchip Technology

  TC7107ACLP Datasheet HTML 1Page - Microchip Technology TC7107ACLP Datasheet HTML 2Page - Microchip Technology TC7107ACLP Datasheet HTML 3Page - Microchip Technology TC7107ACLP Datasheet HTML 4Page - Microchip Technology TC7107ACLP Datasheet HTML 5Page - Microchip Technology TC7107ACLP Datasheet HTML 6Page - Microchip Technology TC7107ACLP Datasheet HTML 7Page - Microchip Technology TC7107ACLP Datasheet HTML 8Page - Microchip Technology TC7107ACLP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 1
TC7106/A/TC7107/A
Features:
• Internal Reference with Low Temperature Drift:
- TC7106/TC7107: 80 ppm/°C (Typical)
- TC7106A/TC7107A: 20 ppm/°C (Typical)
• Drives LCD (TC7106) or LED (TC7107)
Display Directly
• Zero Reading with Zero Input
• Low Noise for Stable Display
• Auto-Zero Cycle Eliminates Need for Zero
Adjustment
• True Polarity Indication for Precision Null
Applications
• Convenient 9V Battery Operation (TC7106A)
• High-Impedance CMOS Differential Inputs: 1012
Ω
• Differential Reference Inputs Simplify Ratiometric
Measurements
• Low-Power Operation: 10 mW
Applications:
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells, Null
Detectors
• Digital Meters: Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
• Portable Instrumentation
General Description:
The TC7106A and TC7107A 3-1/2 digit direct display
drive
Analog-to-Digital
Converters
allow
existing
TC7106/TC7107 based systems to be upgraded. Each
device has a precision reference with a 20 ppm/°C
maximum temperature coefficient. This represents a 4
to 7 times improvement over similar 3-1/2 digit
converters. Existing TC7106 and TC7107 based
systems may be upgraded without changing external
passive component values. The TC7107A drives
common anode light emitting diode (LED) displays
directly with 8 mA per segment. A low cost, high
resolution indicating meter requires only a display, four
resistors, and four capacitors. The TC7106A low-power
drain and 9V battery operation make it suitable for por-
table applications.
The TC7106A/TC7107A reduces linearity error to less
than 1 count. Rollover error – the difference in readings
for equal magnitude, but opposite polarity input signals,
is below ±1 count. High-impedance differential inputs
offer 1 pA leakage current and a 1012
Ω input
impedance. The differential reference input allows
ratiometric
measurements
for
ohms
or
bridge
transducer
measurements.
The
15 µVP–P noise
performance ensures a “rock solid” reading. The auto-
zero cycle ensures a zero display reading with a zero
volts input.
3-1/2 Digit Analog-to-Digital Converters


Similar Part No. - TC7107ACLP

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7107ACLW TELCOM-TC7107ACLW Datasheet
296Kb / 19P
3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7107ACLW MICROCHIP-TC7107ACLW Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
More results

Similar Description - TC7107ACLP

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com