Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F010A Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM28F010A
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM28F010A Datasheet HTML 9Page - Advanced Micro Devices AM28F010A Datasheet HTML 10Page - Advanced Micro Devices AM28F010A Datasheet HTML 11Page - Advanced Micro Devices AM28F010A Datasheet HTML 12Page - Advanced Micro Devices AM28F010A Datasheet HTML 13Page - Advanced Micro Devices AM28F010A Datasheet HTML 14Page - Advanced Micro Devices AM28F010A Datasheet HTML 15Page - Advanced Micro Devices AM28F010A Datasheet HTML 16Page - Advanced Micro Devices AM28F010A Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Am28F010A
13
Embedded Programming Algorithm
The Embedded Program Setup is a command only op-
eration that stages the device for automatic program-
ming. Embedded Program Setup is performed by
writing 10h or 50h to the command register.
Once the Embedded Setup Program operation is per-
formed, the next WE# pulse causes a transition to an
active programming operation. Addresses are latched
on the falling edge of CE# or WE# pulse, whichever
happens later. Data is latched on the rising edge of
WE# or CE#, whichever happens first. The rising edge
of WE# also begins the programming operation. The
system is not required to provide further controls or
timings. The device will automatically provide an ade-
quate internally generated program pulse and verify
margin. The automatic programming operation is
completed when the data on DQ7 is equivalent to data
written to this bit (see Write Operation Status section)
at which time the device returns to Read mode.
Figure 2 and Table 5 illustrate the Embedded Program
algorithm, a typical command string, and bus operation.
Table 5.
Embedded Programming Algorithm
Note: See AC and DC Characteristics for values of VPP parameters. The VPP power supply can be hard-wired to the device or
switchable. When VPP is switched, VPPL may be ground, no connect with a resistor tied to ground, or less than VCC + 2.0 V. Refer
to Functional Description. Device is either powered-down, erase inhibit or program inhibit.
Bus Operations
Command
Comments
Standby
Wait for VPP Ramp to VPPH (see Note)
Write
Embedded Program Setup Command
Data = 10h or 50h
Write
Embedded Program Command
Valid Address/Data
Read
Data
# Polling to Verify Completion
Read
Available for Read Operations
START
Apply VPPH
Write Embedded Setup Program Command
Write Embedded Program Command (A/D)
Programming Completed
Yes
Data# Poll Device
Increment Address
No
16778D-7
Figure 2.
Embedded Programming Algorithm
Last Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com