Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F010A Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM28F010A
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM28F010A Datasheet HTML 14Page - Advanced Micro Devices AM28F010A Datasheet HTML 15Page - Advanced Micro Devices AM28F010A Datasheet HTML 16Page - Advanced Micro Devices AM28F010A Datasheet HTML 17Page - Advanced Micro Devices AM28F010A Datasheet HTML 18Page - Advanced Micro Devices AM28F010A Datasheet HTML 19Page - Advanced Micro Devices AM28F010A Datasheet HTML 20Page - Advanced Micro Devices AM28F010A Datasheet HTML 21Page - Advanced Micro Devices AM28F010A Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
Am28F010A
This detailed information is for your reference. It may
prove easier to always issue the Reset command two
consecutive times. This eliminates the need to deter-
mine if you are in the Setup Program state or not.
In-System Programming Considerations
Flash memories can be programmed in-system or in a
standard PROM programmer. The device may be sol-
dered to the circuit board upon receipt of shipment and
programmed in-system. Alternatively, the device may
initially be programmed in a PROM programmer prior
to soldering the device to the circuit board.
Auto Select Command
AMD’s Flash memories are designed for use in appli-
cations where the local CPU alters memory contents.
In order to correctly program any Flash memories
in-system, manufacturer and device codes must be
accessible while the device resides in the target
system. PROM programmers typically access the sig-
nature codes by raising A9 to a high voltage. However,
multiplexing high voltage onto address lines is not a
generally desired system design practice.
The device contains an Auto Select operation to supple-
ment traditional PROM programming methodologies.
The operation is initiated by writing 80h or 90h into the
command register. Following this command, a read
cycle address 0000h retrieves the manufacturer code of
01h (AMD). A read cycle from address 0001h returns
the device code (see the Auto Select Code table of the
corresponding device data sheet). To terminate the op-
eration, it is necessary to write another valid command,
such as Reset (00h or FFh), into the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com