Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F010A Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM28F010A
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM28F010A Datasheet HTML 10Page - Advanced Micro Devices AM28F010A Datasheet HTML 11Page - Advanced Micro Devices AM28F010A Datasheet HTML 12Page - Advanced Micro Devices AM28F010A Datasheet HTML 13Page - Advanced Micro Devices AM28F010A Datasheet HTML 14Page - Advanced Micro Devices AM28F010A Datasheet HTML 15Page - Advanced Micro Devices AM28F010A Datasheet HTML 16Page - Advanced Micro Devices AM28F010A Datasheet HTML 17Page - Advanced Micro Devices AM28F010A Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
Am28F010A
Write Operation Status
Data Polling—DQ7
The device features Data# Polling as a method to indi-
cate to the host system that the Embedded algorithms
are either in progress or completed.
While the Embedded Programming algorithm is in oper-
ation, an attempt to read the device at a valid address
will produce the complement of expected Valid data on
DQ7. Upon completion of the Embedded Program algo-
rithm an attempt to read the device at a valid address will
produce Valid data on DQ7. The Data# Polling feature is
valid after the rising edge of the second WE# pulse of
the two write pulse sequence.
While the Embedded Erase algorithm is in operation,
DQ7 will read “0" until the erase operation is com-
pleted. Upon completion of the erase operation, the
data on DQ7 will read “1.” The Data# Polling feature is
valid after the rising edge of the second WE# pulse of
the two Write pulse sequence.
The Data# Polling feature is only active during Embed-
ded Programming or erase algorithms.
See Figures 3 and 4 for the Data# Polling timing spec-
ifications and diagrams. Data# Polling is the standard
method to check the write operation status, however,
an alternative method is available using Toggle Bit.
START
Fail
No
DQ7 = Data
?
DQ7 = Data
?
DQ5 = 1
?
No
Pass
Yes
No
Yes
Read Byte
(DQ0–DQ7)
Addr = VA
Read Byte
(DQ0–DQ7)
Addr = VA
Yes
VA = Byte address for programming
= XXXXh during chip erase
16778D-8
Note:
DQ7 is rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5 or after DQ5.
Figure 3.
Data# Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com