Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS,-ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 4 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. B
–4–
AD7722
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V to +7 V
AVDD, AVDD1 to AGND . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD, AVDD1 to DVDD . . . . . . . . . . . . . . . . . . . –1 V to +1 V
AGND, AGND1 to DGND . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Inputs to DGND . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . –0.3 V to DVDD + 0.3 V
VIN(+), VIN(–) to AGND . . . . . . . . . . –0.3 V to AVDD + 0.3 V
REF1 to AGND . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
REF2 to AGND . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Input current to any pin except the supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . . 72°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . . 20
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional opera -
tion of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Package
Package
Model
Temperature
Description
Option
AD7722AS
–40
°C to +85°C 44-Lead MQFP S-44B
EVAL-AD7722CB
Evaluation Board
IOL
1.6mA
IOH
200 A
1.6V
CL
50pF
TO
OUTPUT
PIN
Figure 1. Load Circuit for Timing Specifications
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7722 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com