Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS,-ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices AD7722 Datasheet HTML 10Page - Analog Devices AD7722 Datasheet HTML 11Page - Analog Devices AD7722 Datasheet HTML 12Page - Analog Devices AD7722 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. B
AD7722
–9–
PIN CONFIGURATION
44-Lead MQFP (S-44B)
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18 19 20 21 22
AD7722
DGND/DB13
DGND/DB14
DGND/DB15
SYNC
CS
DGND
CAL
AGND
AGND
REF2
AVDD
DGND/DB2
DGND/DB1
DGND/DB0
CFMT/
DRDY
DVAL/
RD
DGND
UNI
P/
S
AGND
AGND1
CLKIN
PARALLEL MODE PIN FUNCTION DESCRIPTIONS
Mnemonic
Pin No. Description
DVAL/
RD
5
Read input is a level sensitive logic input. The
RD logic level is sensed on the rising edge of CLKIN. This
digital input can be used in conjunction with
CS to read data from the device. The output data bus is
enabled when the rising edge of CLKIN senses a logic low level on
RD if CS is also low. When RD is
sensed high, the output data bits DB15–DB0 will be high impedance.
CFMT/
DRDY
4Data Ready Logic Output. A falling edge indicates a new output word is available to be read from the
output data register.
DRDY will return high upon completion of a read operation. If a read operation does
not occur between output updates,
DRDY will pulse high for two CLKIN cycles before the next output
update.
DRDY also indicates when conversion results are available after a SYNC or RESET sequence
and when completing a self-calibration.
DGND/DB15
31
Data Output Bit (MSB).
DGND/DB14
32
Data Output Bit.
DGND/DB13
33
Data Output Bit.
DGND/DB12
34
Data Output Bit.
DGND/DB11
35
Data Output Bit.
DGND/DB10
36
Data Output Bit.
FSO/DB9
37
Data Output Bit.
SDO/DB8
38
Data Output Bit.
SCO/DB7
40
Data Output Bit.
FSI/DB6
41
Data Output Bit.
SFMT/DB5
42
Data Output Bit.
DOE/DB4
43
Data Output Bit.
TSI/DB3
44
Data Output Bit.
DGND/DB2
1
Data Output Bit.
DGND/DB1
2
Data Output Bit.
DGND/DB0
3
Data Output Bit (LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com