Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS,-ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 3 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
AD7722
–3–
A Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS (Excluding CLKIN)
VINH, Input High Voltage
2.0
V
VINL, Input Low Voltage
0.8
V
CLOCK INPUT (CLKIN)
VINH, Input High Voltage
4.0
V
VINL, Input Low Voltage
0.4
V
ALL LOGIC INPUTS
IIN, Input Current
VIN = 0 V to DVDD
±10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
|IOUT| = 200
µA
4.0
V
VOL, Output Low Voltage
|IOUT| = 1.6 mA
0.4
V
POWER SUPPLIES
AVDD, AVDD1
4.75
5.25
V
DVDD
4.75
5.25
V
IDD
Total from AVDD and DVDD
75
mA
Power Consumption
375
mW
NOTES
1Operating temperature range is –40
°C to +85°C (A Version).
2Measurement Bandwidth = 0.5
× f
S; Input Level = –0.05 dB.
3T
A = 25
°C to 85°C/T
A = TMIN to TMAX.
4Applies after calibration at temperature of interest.
5Gain error excludes reference error. The ADC gain is calibrated w.r.t. the voltage on the REF2 pin.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com