Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8110AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 5 Page - Analog Devices

  AD8110AST Datasheet HTML 1Page - Analog Devices AD8110AST Datasheet HTML 2Page - Analog Devices AD8110AST Datasheet HTML 3Page - Analog Devices AD8110AST Datasheet HTML 4Page - Analog Devices AD8110AST Datasheet HTML 5Page - Analog Devices AD8110AST Datasheet HTML 6Page - Analog Devices AD8110AST Datasheet HTML 7Page - Analog Devices AD8110AST Datasheet HTML 8Page - Analog Devices AD8110AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
REV. A
AD8110/AD8111
–4–
TIMING CHARACTERISTICS (Parallel)
Limit
Parameter
Symbol
Min
Max
Unit
Data Setup Time
t1
20
ns
CLK Pulsewidth
t2
100
ns
Data Hold Time
t3
20
ns
CLK Pulse Separation
t4
100
ns
CLK to
UPDATE Delay
t5
0ns
UPDATE Pulsewidth
t6
50
ns
Propagation Delay,
UPDATE to Switch On or Off
–
8
ns
CLK,
UPDATE Rise and Fall Times
–
100
ns
RESET Time
–
200
ns
t5
t6
t4
t2
t1
t3
1
0
1
0
1 = LATCHED
CLK
D0–D4
A0–A2
0 = TRANSPARENT
UPDATE
Figure 2. Timing Diagram, Parallel Mode
Table II. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
CLK, D0, D1, D2,
CLK, D0, D1, D2,
CLK, D0, D1, D2,
CLK, D0, D1, D2,
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.7 V min
0.5 V max
20
µA max
–400
µA min
–400
µA max
3.0 mA min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com