Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8110AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 3 Page - Analog Devices

  AD8110AST Datasheet HTML 1Page - Analog Devices AD8110AST Datasheet HTML 2Page - Analog Devices AD8110AST Datasheet HTML 3Page - Analog Devices AD8110AST Datasheet HTML 4Page - Analog Devices AD8110AST Datasheet HTML 5Page - Analog Devices AD8110AST Datasheet HTML 6Page - Analog Devices AD8110AST Datasheet HTML 7Page - Analog Devices AD8110AST Datasheet HTML 8Page - Analog Devices AD8110AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
REV. A
–2–
AD8110/AD8111–SPECIFICATIONS (V
S =
5 V, TA = +25 C, RL = 1 k
unless otherwise noted.)
AD8110/AD8111
Parameter
Conditions
Min
Typ
Max
Unit
Reference
DYNAMIC PERFORMANCE
–3 dB Bandwidth
200 mV p-p, RL = 150
Ω
300/190
390/260
MHz
TPC 1, 7
2 V p-p, RL = 150
Ω
150
MHz
TPC 1, 7
Propagation Delay
2 V p-p, RL = 150
Ω
5ns
Slew Rate
2 V Step, RL = 150
Ω
500
V/
µs
Settling Time
0.1%, 2 V Step, RL = 150
Ω
40
ns
TPC 6, 12
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150
Ω
60/40
MHz
TPC 1, 7
0.05 dB, 2 V p-p, RL = 150
Ω
65/40
MHz
TPC 1, 7
0.1 dB, 200 mV p-p, RL = 150
Ω
80/57
MHz
TPC 1, 7
0.1 dB, 2 V p-p, RL = 150
Ω
70/57
MHz
TPC 1, 7
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 k
Ω
0.01
%
NTSC or PAL, RL =150
Ω
0.02
%
Differential Phase Error
NTSC or PAL, RL = 1 k
Ω
0.01
Degrees
NTSC or PAL, RL = 150
Ω
0.02
Degrees
Crosstalk, All Hostile
f = 5 MHz
78/85
dB
TPC 2, 8
f = 10 MHz
70/80
dB
TPC 2, 8
Off Isolation, Input-Output
f = 10 MHz, RL =150
Ω, One Channel
93/99
dB
TPC 17, 23
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/
√Hz TPC 14, 20
DC PERFORMANCE
Gain Error
RL = 1 k
Ω
0.04/0.1
0.07/0.5
%
RL = 150
Ω
0.15/0.25
%
Gain Matching
No Load, Channel-Channel
0.02/1.0
%
RL = 1 k
Ω, Channel-Channel
0.09/1.0
%
Gain Temperature Coefficient
0.5/8
ppm/
°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, Enabled
0.2
Ω
18, 24
Disabled
10/0.001
M
Ω
15, 21
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled, AD8110 Only
1/NA
µA
Output Voltage Range
No Load
±2.5
±3V
Output Current
20
40
mA
Short Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst Case (All Configurations)
5
20
mV
29, 35
Temperature Coefficient
12
µV/°C
30, 36
Input Voltage Range
±2.5/±1.25 ±3/±1.5
V
Input Capacitance
Any Switch Configuration
2.5
pF
Input Resistance
1
10
M
Ω
Input Bias Current
Per Output Selected
2
5
µA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50%
UPDATE to 1% Settling
25
ns
Switching Transient (Glitch)
Measured at Output
20/30
mV p-p
16, 22
POWER SUPPLIES
Supply Current
AVCC, Outputs Enabled, No Load
38
mA
AVCC, Outputs Disabled
15
mA
AVEE, Outputs Enabled, No Load
38
mA
AVEE, Outputs Disabled
15
mA
DVCC
11
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
f = 100 kHz
75/78
dB
13, 19
f = 1 MHz
–55/–58
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40 to +85
°C
θ
JA
Operating (Still Air)
48
°C/W
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com