Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8110AST Datasheet(PDF) 22 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8110AST Datasheet HTML 18Page - Analog Devices AD8110AST Datasheet HTML 19Page - Analog Devices AD8110AST Datasheet HTML 20Page - Analog Devices AD8110AST Datasheet HTML 21Page - Analog Devices AD8110AST Datasheet HTML 22Page - Analog Devices AD8110AST Datasheet HTML 23Page - Analog Devices AD8110AST Datasheet HTML 24Page - Analog Devices AD8110AST Datasheet HTML 25Page - Analog Devices AD8110AST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
REV. A
AD8110/AD8111
–21–
65
64
75
INPUT 00
INPUT 00
AGND
75
AVEE
41
40
0.01 F
39
67
66
75
INPUT 01
INPUT 01
AGND
69
68
75
INPUT 02
INPUT 02
AGND
71
70
75
INPUT 03
INPUT 03
AGND
73
72
75
INPUT 04
INPUT 04
AGND
75
74
75
INPUT 05
INPUT 05
AGND
77
76
75
INPUT 06
INPUT 06
AGND
78
75
INPUT 07
INPUT 07
2
1
75
INPUT 08
INPUT 08
AGND
4
3
75
INPUT 09
INPUT 09
AGND
6
5
75
INPUT 10
INPUT 10
AGND
8
7
75
INPUT 11
INPUT 11
AGND
10
9
75
INPUT 12
INPUT 12
AGND
12
11
75
INPUT 13
INPUT 13
AGND
14
13
75
INPUT 14
INPUT 14
AGND
16
15
75
INPUT 15
INPUT 15
AGND
59
DATA OUT
59
DATA IN
80
DGND
P2-5
P2-4
P2-2
P2-3
P2-1
P2-6
62 61 60 58 56 55
54
53 52 51 50 49 48 47
SERIAL MODE
JUMP
R25
20k
DVCC
46
42
75
AVCC
38
37
0.01 F
36
75
AVEE
35
34
0.01 F
33
75
AVCC
32
31
0.01 F
30
75
AVEE
29
28
0.01 F
27
75
AVCC
26
25
0.01 F
24
75
AVEE
23
22
0.01 F
21
75
20
AGND
AGND
OUTPUT 00
AVEE
AGND
OUTPUT 01
AVCC
AGND
OUTPUT 02
AVEE
AGND
OUTPUT 03
AVCC
AGND
OUTPUT 04
AVEE
AGND
OUTPUT 05
AVCC
AGND
OUTPUT 06
AVEE
AGND
OUTPUT 07
AVCC
19
0.01 F
AVCC
AVCC
18
0.01 F
AVCC
AVEE
17
0.01 F
AVEE
0.01 F
45
AVEE
AVEE
0.01 F
44
AVCC
AVCC
0.01 F
43
AVCC
AVCC
0.01 F
63
DVCC
0.01 F
79
DVCC
AD8110/AD8111
DVCC DGND
NC
AVEE AGND AVCC
NC
P1-1
CR1
CR2
+
+
+
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
0.1 F10 F
0.1 F10 F
0.1 F10 F
DVCC
DVCC
Figure 9. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com