Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Operating conditions: TA = 25°C, VIN = 12 V, VOUT = 3.3 V, L = 4.7 µH, COUT = 2 × 47 µF, fSW = 600 kHz, unless otherwise noted.
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
INDUCTOR: CDRH105RNP-3R3N
MOSFET: FDS8880
Figure 5. Efficiency at VIN = 12 V, fSW = 600 kHz, FPWM
0
10
20
30
40
50
60
70
80
90
100
VOUT = 3.3V, FPWM
VOUT = 3.3V, PFM
VOUT = 5V, FPWM
VOUT = 5V, PFM
INDUCTOR: CDRH105RNP-3R3N
MOSFET: FDS8880
0.01
0.1
1
10
OUTPUT CURRENT (A)
Figure 6. Efficiency at VIN = 12 V, fSW = 600 kHz, PFM
10
15
20
25
30
35
40
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 7. Shutdown Current vs. VIN
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
INDUCTOR: CDRH105RNP-6R8N
MOSFET: FDS8880
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
50
55
60
65
70
75
80
85
90
95
100
Figure 8. Efficiency at VIN = 12 V, fSW = 300 kHz, FPWM
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
VOUT = 3.3V, FPWM
VOUT = 3.3V, PFM
VOUT = 5V, FPWM
VOUT = 5V, PFM
INDUCTOR: CDRH105RNP-6R8N
MOSFET: FDS8880
Figure 9. Efficiency at VIN = 12 V, fSW = 300 kHz, PFM
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 10. Quiescent Current vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com