Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 14 of 32
CH1 10.0V
CH3 5.00V
CH2 10.0V
M1.00µs
A CH3
2.90V
1
2
3
T
50.20%
SYNC
SW2
SW1
Figure 35. External Synchronization with 60° Phase Shift
CH1 10.0V
CH3 5.00V
CH2 10.0V
M1.00µs
A CH3
2.90V
1
2
3
T
50.20%
SYNC
SW2
SW1
Figure 36. External Synchronization with 120° Phase Shift
CH3 1.00V BW
CH2 1.00V BW
M2.00ms
A CH2
660mV
3
T
43.00%
VMASTER
VSLAVE
Figure 37. Coincident Tracking
CH1 10.0V
CH3 5.00V
CH2 10.0V
M1.00µs
A CH3
2.90V
1
2
3
T
50.20%
SYNC
SW2
SW1
Figure 38. External Synchronization with 90° Phase Shift
CH1 10.0V
CH3 2.00A Ω
CH4 2.00A Ω
CH2 10.0V
M1.00µs
A CH2
5.80V
2
3
1
T
50.00%
SW2
IL1
IL2
SW1
Figure 39. Dual Phase, Single Output, VOUT = 3.3 V, IOUT = 6 A
CH3 1.00V BW
CH2 1.00V BW
M2.00ms
A CH2
660mV
3
T
43.00%
VMASTER
VSLAVE
Figure 40. Ratiometric Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com