Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 24 of 32
For the 1.2 V rail, the output capacitor ESR needs to be smaller
than 12 mΩ, and the output capacitance needs to be larger than
191 µF. It is recommend that three pieces of 100 µF/X5R/6.3 V
ceramic capacitor be used, such as the GRM32ER60J107ME20
from Murata, with an ESR = 2 mΩ.
For the 3.3 V rail, the ESR of the output capacitor must be
smaller than 32 mΩ and the output capacitance must be larger
than 54 µF. It is recommended that two pieces of 47 µF/X5R/6.3
V ceramic capacitor be used, such as the Murata
GRM32ER60J476ME20, with an ESR = 2 mΩ.
LOW-SIDE MOSFET SELECTION
A low RDSON N-channel MOSFET is selected for high efficiency
solutions. The MOSFET breakdown voltage needs to be greater
than 1.2 V × VIN, and the drain current needs to be greater than
1.2 V × ILIMIT.
It is recommended that a 30 V, N-channel MOSFET be used, such as
the FDS8880 from Fairchild. The RDSON of the FDS8880 at a 4.5 V
driver voltage is 12 mΩ, and the total gate charge is 12 nC.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this case, fSW is running at 500 kHz;
therefore, the fC is set to 50 kHz.
For the 1.2 V rail, the 100 µF ceramic output capacitor has
a derated value of 64 µF.
kΩ
4
.
80
A/V
5
μs
300
V
6
.
0
kHz
50
μF
64
3
V
2
.
1
2
=
×
×
×
×
×
×
π
×
=
C1
R
(
)
pF
957
kΩ
4
.
80
μF
64
3
Ω
001
.
0
Ω
4
.
0
=
×
×
+
=
1
C
C
pF
4
.
2
kΩ
4
.
80
μF
64
3
Ω
001
.
0
=
×
×
=
CP1
C
Choose standard components, RC1 = 82 kΩ and CC1 = 1000 pF. No
CCP1 is needed.
Figure 48 shows the 1.2 V rail bode plot at 3 A. The cross
frequency is 49 kHz and the phase margin is 59°.
–60
–48
–36
–24
–12
0
12
24
36
48
60
–180
–144
–108
–72
–36
0
36
72
108
144
180
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 48. Bode Plot for 1.2 V Rail
For the 3.3 V rail, the 47µF ceramic output capacitor has a
derated value of 32 µF.
kΩ
7
.
73
A/V
5
μs
300
V
6
.
0
kHz
50
μF
32
2
V
3
.
3
2
=
×
×
×
×
×
×
π
×
=
C2
R
(
)
pF
956
kΩ
7
.
73
μF
32
2
Ω
001
.
0
Ω
1
.
1
=
×
×
+
=
2
C
C
pF
1
kΩ
7
.
73
μF
32
2
Ω
001
.
0
=
×
×
=
CP2
C
Choose standard component values of RC2 = 75 kΩ and
CC2 = 1000 pF. No CCP2 is needed.
Figure 49 shows the 3.3 V rail bode plot at 3 A. The cross
frequency is 59 kHz and phase margin is 61°.
–60
–48
–36
–24
–12
0
12
24
36
48
60
–180
–144
–108
–72
–36
0
36
72
108
144
180
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 49. Bode Plot for 3.3 V Rail
SOFT START TIME PROGRAMMING
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting inrush current. The soft start time is set
to 3 ms.
nF
5
.
17
V
6
.
0
ms
3
μA
5
.
3
V
6
.
0
=
×
=
×
=
SS
SS
SS
T
I
C
Choose a standard component value of CSS1 = CSS2 = 22 nF.
INPUT CAPACITOR SELECTION
A minimum 10 µF ceramic capacitor is required, placed near
the PVINx pin. In this application, one piece of 10 µF, X5R, 25
V ceramic capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com