Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94KC Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM53CF94KC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KC Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM53CF94KC Datasheet HTML 45Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 46Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 47Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 48Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 49Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 50Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 51Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 52Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
P R E L I M I N A R Y
AMD
49
Am53CF94/Am53CF96
6tS
INT
to
RD
Set Up Time
0
ns
7tPD
RD
to
INT
Delay
0
100
ns
8tPWL
RD Pulse Width Low
50
ns
9tPD
RD
to
INT
Delay
tL
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
INT
RD
Interrupt Output
68
9
7
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Reset Input
5tPWH
Reset Pulse Width High
500
ns
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
RESET
5
17348B-38
17348B-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com