Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94KC Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM53CF94KC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KC Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM53CF94KC Datasheet HTML 55Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 56Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 57Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 58Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 59Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 60Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 61Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 62Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
P R E L I M I N A R Y
AMD
59
Am53CF94/Am53CF96
104
tPD
DACK
to DREQ
Valid Delay
30
ns
105
tPWL
DACK Pulse Width Low
70
ns
106
tS
DACK
to
RD
Set Up Time
0
ns
107
tP
RD
to
DACK
Hold Time
0
ns
108
tPD
RD
to Data Valid Delay
55
ns
109
tPWH
RD Pulse Width High
60
ns
110
tPWL
RD Pulse Width Low
70
ns
111
PARAMETER DOES NOT EXIST
112
tPD
RD
to DREQ
Valid Delay
90
ns
113
tZ
RD
to Data High Impedance
45
ns
114
tH
RD
to Data Hold Time
2
ns
115
tPD
DACK
to DREQ
Valid Delay
30
ns
116
tPWH
DACK Pulse Width High
60
ns
117
tPD
DACK
to Data Valid Delay
35
ns
118
tH
DACK
to Data Hold Time
2
ns
119
tZ
DACK
to Data High Impedance
25
ns
120
tS
DACK
to
DMAWR
Set Up Time
0
ns
121
tPWH
DMAWR Pulse Width High
60
ns
122
tPWL
DMAWR Pulse Width Low
70
ns
123
tS
Data to
DMAWR
Set Up Time
15
ns
124
tPD
DMAWR
to DREQ
Valid Delay
90
ns
125
tH
Data to
DMAWR
Hold Time
0
ns
126
tH
DMAWR
to
DACK
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Burst DMA Read/Write Mode 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com