Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94KC Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM53CF94KC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KC Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM53CF94KC Datasheet HTML 59Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 60Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 61Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 62Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 63Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 64Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 65Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 66Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
P R E L I M I N A R Y
AMD
63
Am53CF94/Am53CF96
154
tPD
DACK
to DREQ
Valid Delay
30
ns
155
tPWL
DACK Pulse Width Low
70
ns
156
tPD
DACK
to Data Valid Delay
35
ns
157
tPD
DACK
to DREQ
Valid Delay
30
ns
158
tPWH
DACK Pulse Width High
60
ns
159
tZ
DACK
to Data High Impedance
25
ns
160
tH
DACK
to Data Hold Time
2
ns
161
PARAMETER DOES NOT EXIST
162
tS
DACK
to
DMAWR
Set Up Time
0
ns
163
tPWL
DMAWR Pulse Width Low
70
ns
164
tS
Data to
DMAWR
Set Up Time
15
ns
165
tH
DMAWR
to
DACK
Hold Time
0
ns
166
tPWH
DMAWR Pulse Width High
60
ns
167
tH
Data to
DMAWR
Hold Time
0
ns
168
tPD
DACK
to
DREQ
Valid Delay
90
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Burst DMA Mode 3
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com