Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C30A Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 17Page - Advanced Micro Devices AM79C30A Datasheet HTML 18Page - Advanced Micro Devices AM79C30A Datasheet HTML 19Page - Advanced Micro Devices AM79C30A Datasheet HTML 20Page - Advanced Micro Devices AM79C30A Datasheet HTML 21Page - Advanced Micro Devices AM79C30A Datasheet HTML 22Page - Advanced Micro Devices AM79C30A Datasheet HTML 23Page - Advanced Micro Devices AM79C30A Datasheet HTML 24Page - Advanced Micro Devices AM79C30A Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
Am79C30A/32A Data Sheet
21
Multiframe S-bit/Status Buffer (MFSB), Read Only
Address = Indirect A7H
The MFSB reset default value is 40H.
Multiframe Q-bit Buffer (MFQB), Write Only
Address = Indirect A8H
Multiplexer (MUX)
The MUX contains the registers found in Table 17.
The Multiplexer is used to selectively route 64-Kbit/s
full-duplex B channels between the LIU (Line Interface
Unit), MAP (Main Audio Processor), MPI (Microproces-
sor Interface), and the PP (Peripheral Port).
The logical channels available at the MUX are shown in
Figure 2, They are:
1. From/to the LIU channels B1 and B2
2. From/to the MAP channel Ba
3. From/to the MPI channels Bb and Bc
4. From/to the PP channels Bd, Be, and Bf
For any specific application, the MUX can be pro-
grammed by the microprocessor to route any three
B- ch annel por ts to any othe r three B- channel
ports.Programmable bidirectional bit reversal is pro-
vided for both of the MPI data channels Bb and Bc.
MUX Control Registers 1, 2, and 3
(MCR1, MCR2, and MCR3), Read/Write
Addresses = Indirect 41H, 42H, 43H
The MUX can support three bidirectional paths. The
contents of the MUX Control Registers MCR1, MCR2,
and MCR3 direct the flow of data between the eight
MUX logical B channels (see Figure 2). These three
MCRs are programmed to connect any two B-channel
ports together by writing the appropriate channel code
into an MCR. These MCRs have the same format,
where bits 7–4 indicate port 1 and bits 3–0 indicate port
2. In each of these three MCR registers, the channel
codes found in Table 18 are used for both ports 1 and 2.
For example, to connect B1(LIU) with Bb (MPI) and B2 (LIU)
with Ba (MAP), the contents of the MCRs would be:
Table 15.
Multiframe S-Bit/Status Buffer
Bit
Description
Generates Interrupt
0S1
No
1
S2
No
2
S3
No
3
S4
No
4
S5
No
5
S-data available
If MF bit 1 = 1
6
Q-bit buffer empty
If MF bit 2 = 1
7
Multiframe change of state
If MF bit 3 = 1
Table 16.
Multiframe Q-Bit Buffer
Bit
Description
0
Q1 (default = 1)
1
Q2 (default = 1)
2
Q3 (default = 1)
3
Q4 (default = 1)
4
Q-bit value when multiframing enabled but
synchronization not achieved (default = 0)
5, 6, 7
Not used
Table 17.
MUX Registers
Register
No./Registers
Mnemonic
MUX Control
Registers
4
MCR1, MCR2, MCR3,
MCR4
Table 18.
MCR Register Channel Codes
Code
Channel
0000
No connection (default value)
0001
B1 (LIU)
0010
B2 (LIU)
0011
Ba (MAP)
0100
Bb (MPI)
0101
Bc (MPI)
0110
Bd (PP channel 1)
0111
Be (PP channel 2)
1000
Bf (PP channel 3)
Port 1
Port 2
Register 7 6 5 4 3 2 1 0 Channel Connection
MCR1
0 0 0 1 0 1 0 0 B1 (LIU)
Bb (MPI)
MCR2
0 0 1 0 0 0 1 1 B2 (LIU)
Ba (MAP)
MCR3
0 0 0 0 0 0 0 0 No connect
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com