Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C30A Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 59Page - Advanced Micro Devices AM79C30A Datasheet HTML 60Page - Advanced Micro Devices AM79C30A Datasheet HTML 61Page - Advanced Micro Devices AM79C30A Datasheet HTML 62Page - Advanced Micro Devices AM79C30A Datasheet HTML 63Page - Advanced Micro Devices AM79C30A Datasheet HTML 64Page - Advanced Micro Devices AM79C30A Datasheet HTML 65Page - Advanced Micro Devices AM79C30A Datasheet HTML 66Page - Advanced Micro Devices AM79C30A Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Am79C30A/32A Data Sheet
63
C/I Transmit Data Register 0 (C/ITDR0) Default = 0F Hex
Address = Indirect C4 Hex, Write
The C/I Transmit Data Register 0 is the user-visible portion of the C/I channel 0 transmitter. Data can be written into
this register by the user at any time and is transmitted continuously during each subsequent frame until changed.The
register is set to its default value, 0F hex (C/I channel idle), by reset or disabling of the Peripheral Port. Bus access
request bit-When set, the DSC will attempt to gain access to the C/I0 channel if TIC bus is enabled.
C/I Receive Data Register 0 (C/IRDR0) Default = XF Hex
Address = Indirect C4 Hex, Read
The C/I Receive Data Register 0 contains data valid for two frames from C/I Receive channel 0. The register is set
to its default value of XF hex by a reset or the disabling of the Peripheral Port.
C/I Transmit Data Register 1 (C/ITDR1) Default = 3F Hex
Address = Indirect C5 Hex, Write
The C/I Transmit Data Register 1 is the user-visible portion of the C/I channel 1 transmitter. Data can be written into
this register by the user at any time. It is transmitted continuously during each subsequent frame until changed. The
register is set to its default value, 3F hex (C/I channel idle), by reset or disabling of the Peripheral Port.
C/I Receive Data Register 1 (C/IRDR1)
Default = Bits 7 and 6 are Indeterminate, Bits 5–0 = 1
Address = Indirect C5 Hex, Read
The C/I Receive Data Register 1 contains the data (valid for two frames) from C/I Receive channel 1. The register
is set to its default value by a reset or the disabling of the Peripheral Port.
7
654
32
10
Bus Access
Request
RSRVD
RSRVD
RSRVD
C/I0
DATA
BIT 3
(MSB)
C/I0
DATA
BIT 2
C/I0
DATA
BIT 1
C/I0
DATA
BIT 0
(LSB)
7
654
32
10
RSRVD
RSRVD
RSRVD
RSRVD
C/I0
DATA
BIT 3
(MSB)
C/I0
DATA
BIT 2
C/I0
DATA
BIT 1
C/I0
DATA
BIT0
(LSB)
7
654
32
10
RSRVD
RSRVD
C/I1
DATA
BIT 5
(MSB)
C/I1
DATA
BIT 4
C/I1
DATA
BIT 3
C/I1
DATA
BIT 2
C/I1
DATA
BIT 1
C/I1
DATA
BIT 0
(LSB)
7
654
32
10
RSRVD
RSRVD
C/I1
DATA
BIT 5
(MSB)
C/I
DATA
BIT 4
C/I1
DATA
BIT 3
C/I1
DATA
BIT 2
C/I1
DATA
BIT 1
C/I1
DATA
BIT 0
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com