Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C30A Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 35Page - Advanced Micro Devices AM79C30A Datasheet HTML 36Page - Advanced Micro Devices AM79C30A Datasheet HTML 37Page - Advanced Micro Devices AM79C30A Datasheet HTML 38Page - Advanced Micro Devices AM79C30A Datasheet HTML 39Page - Advanced Micro Devices AM79C30A Datasheet HTML 40Page - Advanced Micro Devices AM79C30A Datasheet HTML 41Page - Advanced Micro Devices AM79C30A Datasheet HTML 42Page - Advanced Micro Devices AM79C30A Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
Am79C30A/32A Data Sheet
39
disabled, the Am79C30A/32A receives the first two
bytes, issues an End of Address interrupt, and receives
the packet. Both a Valid Address and an End of Ad-
dress interrupt set Interrupt Register bit 2 to a logical 1
and bit 0 of the D-channel Status Register 1 (DSR1) to
a logical 1. The Valid Address/End of Address interrupt
can be disabled via DMR3 bit 0. There is an internal
3-byte delay which holds the first of the D-channel ad-
dress bytes until the interrupt has been issued. Note
that the incoming address bytes cannot be read how-
ever, until the D-channel Receive Byte Available or
D-channel Receive Threshold interrupt is set.
After the address is received, the DLC continues to re-
ceive D-channel bytes into the D-channel Receive
buffer FIFO. The DLC issues an interrupt when data is
available in the D-channel Receive buffer. This interrupt
can be disabled by setting DMR3 bit 3 to a logical 0.
The DLC also issues an interrupt when the receive
threshold set in DMR4 is reached. This interrupt can be
disabled by programming a logical 0 into DMR1 bit 1.
By polling, the microprocessor can then read the
D-channel bytes. The 3-byte delay incurred during ad-
dress recognition is maintained. Therefore, the DLC re-
ceives the Frame Check Sequence (FCS) before
issuing an interrupt to signal the last byte of the packet
has been received and appropriate status bits have
been updated. If DMR3 bit 7 is set, the two FCS bytes
at the end of the packet are transferred into the D-chan-
nel Receive buffer along with the data.
The DLC issues an interrupt when the last byte of the
packet is read from the DCRB. This interrupt can be
disabled by setting DMR3 bit 2 to a logical 0.
After the FCS is received, the DLC receiver detects the
closing flag (a bit sequence of 01111110) and then ter-
minates the packet by issuing an End Of Receive
Packet interrupt (bit 1 of DSR1) and returns to looking
for opening flags. The DLC also terminates the packet
when an abort, an overflow, or overrun error condition
is detected. The End Of Receive Packet interrupt can
be disabled by setting DMR1 bit 3 to a logical 0.
The D-channel Receive Byte Count Register (DRCR)
is a 16-bit wide, two-word deep FIFO that is used to
record the number of bytes in the incoming D-channel
packets. Each count is terminated by an end-of-packet
condition. Thus, the DRCR informs the microprocessor
of the number of bytes, including the address bytes,
which have been received. The counter is updated
when the last byte of a packet is placed in the D-chan-
nel Receive buffer. When the FCS bytes are included in
the data transferred to the D-channel Receive buffer,
the FCS bytes are included in the byte count; if the FCS
bytes are not included in the transfer, they are not in-
cluded in the byte count. The opening flag and closing
flag are not included in the byte count.
The D-channel Error and Address Status Registers are
also double buffered. Reading the last byte of a packet
causes the DER byte to propagate to the output of the
FIFO and updates the D-channel Status and Interrupt
Registers accordingly. Reading the MSB of the DRCR
causes the next count and associated ASR byte to
propagate to the output of the FIFOs and updates the
D-channel Status and Interrupt Registers accordingly.
For this reason it is important to read ASR, DER, and
DSR1 prior to reading the DRCR.
When a receive error occurs, an End-of-Packet inter-
rupt is generated and the packet is terminated. When
the last byte of the associated packet is read from the
D-channel Receive buffer, the appropriate DER bits are
set and an error interrupt is generated. All error inter-
rupts can be individually masked by setting the corre-
sponding bits in DMR2 to a logical 0.
There is one 16-bit D-channel Receive Byte Limit Reg-
ister (DRLR). The received byte count is compared with
the DRLR. When the byte count of the currently re-
ceived D-channel packet exceeds the limit value, a re-
ceiver overflow is detected, the packet is terminated,
and an End-of-Packet interrupt is issued. D-channel
Error Register (DER) bit 4 is set to a logical 1 and an
overflow interrupt issued when the last byte of the as-
sociated packet is read from the D-channel Receive
buffer. The Overflow Error interrupt can be masked by
setting DMR2 bit 4 to a logical 0.
The minimum packet length is 5 bytes for a 2-byte ad-
dress packet (not including flags). If the packet length
is less than the above, an interrupt is issued and DER
bit 5 is set to a logical 1 when the last byte of the asso-
ciated packet is read from the D-channel Receive
buffer. The error interrupt can be masked by setting
DMR2 bit 5 to a logical 0.
If packet reception is in progress and the D-channel
Receive buffer is full, the microprocessor has a maxi-
mum of 425
µs to respond to the D-channel Receive
Data Available interrupt. If the microprocessor fails to
do so, then an overrun error occurs when the data byte
is overwritten. When this happens, the packet is termi-
nated. DER bit 6 is set to a logical 1 when the last byte
of the associated packet is read from the D-channel
Receive buffer. The Overrun Error interrupt can be
masked by setting DMR2 bit 6 to logical 0.
Error indication is given if two packets have been re-
ceived and not serviced by the user and a third packet
is received via DSR2 bit 2. When this error occurs, the
third packet is terminated (not received).
Error indication is given for a receiver abort (the recep-
tion of seven contiguous 1s) by DER bit 0.
If the number of bits received between two flags is not
an integer multiple of eight (if the received packet does
not contain an integral number of bytes), DER bit 1 is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com