Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7996PC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM7996PC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996PC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM7996PC Datasheet HTML 7Page - Advanced Micro Devices AM7996PC Datasheet HTML 8Page - Advanced Micro Devices AM7996PC Datasheet HTML 9Page - Advanced Micro Devices AM7996PC Datasheet HTML 10Page - Advanced Micro Devices AM7996PC Datasheet HTML 11Page - Advanced Micro Devices AM7996PC Datasheet HTML 12Page - Advanced Micro Devices AM7996PC Datasheet HTML 13Page - Advanced Micro Devices AM7996PC Datasheet HTML 14Page - Advanced Micro Devices AM7996PC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AMD
11
Am7996
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
Under Bias
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . .
Supply Voltages (VEE, VTX–)
–12.0 V to +0.5 V
. . . . .
DC Input Voltage (D0+, D0–)
–12.0 V to +0.5 V
. . . .
DC Input Voltage (RXT)
–6 V to +0.5 V
. . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
0
°C to +70°C
. . . . . . .
Supply Voltage (VEE)
–8.1 V to –9.9 V
. . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com