Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7996PC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM7996PC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996PC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM7996PC Datasheet HTML 9Page - Advanced Micro Devices AM7996PC Datasheet HTML 10Page - Advanced Micro Devices AM7996PC Datasheet HTML 11Page - Advanced Micro Devices AM7996PC Datasheet HTML 12Page - Advanced Micro Devices AM7996PC Datasheet HTML 13Page - Advanced Micro Devices AM7996PC Datasheet HTML 14Page - Advanced Micro Devices AM7996PC Datasheet HTML 15Page - Advanced Micro Devices AM7996PC Datasheet HTML 16Page - Advanced Micro Devices AM7996PC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AMD
13
Am7996
SWITCHING CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
No
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
Receiver Specification
1
tPWREJ
DO
± Input Pulse Width to Reject
(DO
± ≥ VIDC, Max)
(Note 1)
15
7
ns
2
tPWTON
DO
± Input Pulse Width to Turn On
(DO
± > VIDC, Max)
(Note 1)
20
15
ns
3
tPWSON
DO
± Input Pulse Width to Stay On
(DO
± ≥ VIDC, Max)
(Note 1)
105
ns
4
tPWOFF
DO
± Input Pulse Width to Turn Off
(DO
± ≥ VIDC, Max)
(Note 1)
160
ns
5
tTON
Transmit Driver Turn-On Delay
(Note 1)
200
ns
7
tTSD
Transmit Static Delay (Zero Crossing
to 50% Point to Coax)
(Note 1)
30
50
ns
8
tTXTR
Transmit Driver Rise Time
(Notes 1, 7)
20
25
30
ns
9
tTXTF
Transmit Driver Fall Time
(Notes 1, 7)
20
25
30
ns
10
tDRF
Difference in Driver Rise and Fall
Times |tTXTR–tTXTF|
(Notes 1, 7)
1.0
ns
11
tSKEW
Output Driver Skew—Transmit Data
Symmetry
(Note 1)
–2.0
+2.0
ns
12
tJCT
Jabber Control Time
(Note 1)
20
26
35
ms
13
tJRT
Jabber Reset Time
(Note 1)
340
419
500
ms
14
tJREC
Jabber Recovery Time
(Note 1)
1.0
µs
Receive/Collision Specification
15
tRON
Receiver Turn-On Delay
Vtap > VCAT Max
250
500
ns
16
tROFF
Receiver Turn-Off Delay
Vtap < VCAT Min
1000
ns
17
tRSD
Receiver Static Delay
50% Point at RXT
at Zero Crossing
at DI
± Outputs
50
ns
18
tRS
Receive Data Symmetry
–2
+2
%
19
tRR
DI
± and CI± Rise Time
20%–80%,
RL = 78
Ω
7
ns
20
tRF
DI
± and CI± Fall Time
80%–20%,
RL = 78
Ω
7
ns
21
tCON
CI
± Turn-On Delay
Vtap > VCOT Max
900
ns
22
tCOFF
CI
± Turn-Off Delay
Vtap < VCOT Min
2000
ns
23
tCL
CI
± LOW Time
35
50
70.5
ns
24
tCH
CI
± HIGH Time
35
50
70.5
ns
25
fCI
Collision Frequency
(Note 8)
8.5
10.0
11.5
MHz
26
tSTD
SQE Test Delay Time
FCI = 10.0 MHz
600
1000
ns
27
tSTL
SQE Test Length
FCI = 10.0 MHz
600
800
1000
ns
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com