Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7996PC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM7996PC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996PC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM7996PC Datasheet HTML 8Page - Advanced Micro Devices AM7996PC Datasheet HTML 9Page - Advanced Micro Devices AM7996PC Datasheet HTML 10Page - Advanced Micro Devices AM7996PC Datasheet HTML 11Page - Advanced Micro Devices AM7996PC Datasheet HTML 12Page - Advanced Micro Devices AM7996PC Datasheet HTML 13Page - Advanced Micro Devices AM7996PC Datasheet HTML 14Page - Advanced Micro Devices AM7996PC Datasheet HTML 15Page - Advanced Micro Devices AM7996PC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AMD
12
Am7996
DC CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions (Note 10)
Min
Typ
Max
Unit
Transmit Signals
VTXTH
Transmit Output HIGH Voltage (Note 1)
RLX = 25
Ω
0
–0.05
–0.425
V
VTXTL
Transmit Output LOW Voltage (Note 1)
RLX = 25
Ω
–1.625
–2.0
–2.2
V
VTXT
Transmit Average DC Voltage with 50%
RLX = 25
Ω
–0.925
–1.0
–1.1
V
Duty-Cycle into DO+, DO– (Note 1)
VICM
DO+, DO– Common Mode Bias
IIN = 0
VEE
VEE
VEE
Voltage
+ 1.2
+ 1.5
+ 1.8
VIDC
Differential Input Squelch Threshold
–175
–225
–275
mV
(DO+, DO–) (Note 9)
ITXTL
Transmit Current (Note 9)
VTXT = –5.5 V
–65
–88
mA
IILD
VIN = VEE Max
–2.0
IIHD
VIN = 0
2.5
RIDF
Differential Input Resistance (DO+, DO–)
VIN = 0 to VEE
68
k
Ω
RICM
Common-Mode Input Resistance (DO+, DO–) VIN = 0 to VEE
1.5
2
k
Ω
Receive/Collision Signals
VOD
Differential Output Voltage
VOD+
+550
+670
+850
(DI+, DI–; CI+, CI–)
VOD–
–550
–670
–850
VCMT
Common-Mode Output
RL = 78
Ω
–1.0
–2.0
–3.0
V
(DI+, DI–; CI+, CI–)
VODI
Differential Output Voltage Imbalance
RL = 78
Ω
5
20
mV
(DI+, DI–; CI+, CI–) ||VOD| – |
VOD|| (Note 6)
VOD OFF
Differential Output Idle Voltage
RL = 78
Ω, VEE = Max
–20
0
+20
mV
(DI+, DI–; CI+, CI–)
VCAT
Carrier Sense Threshold
VIN = 5 MHz Preamble
–400
–500
–600
mV
VCOT
Collision Sense Threshold (Note 5)
–1515 –1600
–1700
mV
IRXT
RXT Input Bias Current
VIN = 1 V to –2.5 V;
–0.5
0
+0.5
µA
VEE = Max
IOD OFF
Differential Output Idle Current
RL = 0
–0.5
0
+0.5
mA
(DI+, DI–; CI+, CI–)
Global
Supply Current–Non-Transmitting
–88
–105
Supply Current–Transmitting
–128
–155
CAPACITANCE* (TA = 25
°C; VEE = 0; Pins 15, 17—No Connections)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
Ceramic DIP
1.7
Plastic DIP/PLCC
1.1
Notes:
See notes following Switching Characteristics section.
*Parameters are not “Tested.”
Commercial
Input Current (DO+, DO–)
mA
V
mV
RL = 78
Ω
IEE
RLX = 25
Ω (Note 4)
mA
CRXT
RXT Input Capacitance
pF
VEE = Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com