Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981JC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C981JC
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981JC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C981JC Datasheet HTML 24Page - Advanced Micro Devices AM79C981JC Datasheet HTML 25Page - Advanced Micro Devices AM79C981JC Datasheet HTML 26Page - Advanced Micro Devices AM79C981JC Datasheet HTML 27Page - Advanced Micro Devices AM79C981JC Datasheet HTML 28Page - Advanced Micro Devices AM79C981JC Datasheet HTML 29Page - Advanced Micro Devices AM79C981JC Datasheet HTML 30Page - Advanced Micro Devices AM79C981JC Datasheet HTML 31Page - Advanced Micro Devices AM79C981JC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AMD
PRELIMINARY
1–98
Am79C981
SWITCHING CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Expansion Port (Continued)
tDJSET
DAT/JAM setup time
10
–
ns
tDJHOLD
DAT/JAM hold time
14
–
ns
tCASET
COL/ACK setup time
5
–
ns
tCAHOLD
COL/ACK hold time
14
–
ns
tMHSET
TEST setup time with respect to
RST
200
–
ns
to enter Minimum Hub Mode
tMHHLD
TEST hold time with respect to
RST
0
100
ns
to enter Minimum Hub Mode
tSCLKSET
SI, SCLK set up time with respect to X1
50
–
ns
tSCLKHLD
SI, SCLK hold time with respect to X1
50
–
ns
AUI Port
tDOTD
X1 rising edge to DO toggle
–
30
ns
tDOTR
DO+,DO- rise time (10% to 90%)
2.5
5.0
ns
tDOTF
DO+,DO- fall time (90% to 10%)
2.5
5.0
ns
tDORM
DO+,DO- rise and fall time mismatch
–
1.0
ns
tDOETD
DO+/- End of Transmission
275
375
ns
tPWODI
DI pulse width accept/reject
|VIN| > |VASQ|
15
45
ns
threshold
(Note 3)
tPWKDI
DI pulse width maintain/turn-off
|VIN| > |VASQ|
136
200
ns
threshold
(Note 4)
tPWOCI
CI pulse width accept/reject
|VIN| > |VASQ|
10
26
ns
threshold
(Note 5)
tPWKCI
CI pulse width maintain/turn-off
|VIN| > |VASQ|
90
160
ns
threshold
(Note 6)
Twisted Pair Ports
tTXTD
X1 rising edge to TXD+,TXP+
–
50
ns
TXD-,TXP- transition delay
tTR
TXD+,TXD-,TXP+,TXP- rise time
–
20
ns
tTF
TXD+,TXD-,TXP+,TXP- fall time
–
20
ns
tTM
TXD+,TXD-,TXP+,TXP- rise
–
6
ns
and fall time mismatch
tTETD
Transmit End of Transmission
275
375
ns
tPWKRD
RXD pulse width maintain/turn-off
|VIN| > |VTHS|
130
200
ns
threshold
(Note 7)
tPERLP
Idle signal period
8
24
ms
tPWLP
Idle Link Test pulse width (TXD+)
75
120
ns
tPWPLP
Idle Link Test pulse width (TXP+,TXP-)
40
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com