Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981JC Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C981JC
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981JC Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C981JC Datasheet HTML 32Page - Advanced Micro Devices AM79C981JC Datasheet HTML 33Page - Advanced Micro Devices AM79C981JC Datasheet HTML 34Page - Advanced Micro Devices AM79C981JC Datasheet HTML 35Page - Advanced Micro Devices AM79C981JC Datasheet HTML 36Page - Advanced Micro Devices AM79C981JC Datasheet HTML 37Page - Advanced Micro Devices AM79C981JC Datasheet HTML 38Page - Advanced Micro Devices AM79C981JC Datasheet HTML 39Page - Advanced Micro Devices AM79C981JC Datasheet HTML 40Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
APPENDIX
1-108
Am79C981
A 10BASE-T INTERFACE
The table below lists the recommended resistor values and filter and transformer modules for the IMR+ device.
IMR+ Device Compatible 10BASE-T Media Interface Modules
¶ Manufacturer
Part #
Package
Description
Bel Fuse
S556-5999-32
16-pin SMD
Transmit and receive filters, transformers and common mode chokes.
Bel Fuse
0556-2006-14
10-pin SIL
Transmit and receive filters, transformers and common mode chokes.
Bel Fuse
A556-2006-DE
16-pin 0.3" DIL
Transmit and receive filters and transformers.
Bel Fuse
A556-2006-00
16-pin DIL
Transmit filter, transformers and common mode choke. Receive filter and
transformer.
Halo Electronics
FS02-101Y4
"Slim SIP"
Transmit and receive filters and transformers.
Halo Electronics
FS12-101Y4
"Slim SIP"
Transmit and receive filters and transformers, transmit common mode reduction
choke.
Halo Electronics
FS22-101Y4
"Slim SIP"
Transmit and receive filters, transformers and common mode chokes.
Halo Electronics
FD02-101G
16-pin 0.3" DIL
Transmit and receive filters and transformers.
Halo Electronics
FD12-101G
16-pin 0.3" DIL
Transmit and receive filters and transformers, transmit common mode choke.
Halo Electronics
FD22-101G
16-pin 0.3" DIL
Transmit and receive filters, transformers and common mode chokes.
Halo Electronics
FD22-101R2
16-pin 0.3" DIL
Termination and equalization resistors, transmit and receive filters, transformers
and common mode chokes.
Nano Pulse
5408-37
16-pin SMD
7 pole transmit and receive filters with 1CT:1CT Xfmrs (transmit & receive) and a
separate common mode choke for each channel.
Nano Pulse
5408-40
9-pin SIP
7 pole transmit and receive filters with 1CT:1CT Xfmrs (transmit & receive) and a
separate common mode choke for each channel.
Nano Pulse
6612-21
12-pin DIL
7 pole transmit and receive filters with 1CT:1CT Xfmrs (transmit & receive) and a
separate common mode choke for each channel.
PCA Electronics
EPA1990A
16-pin 0.3" DIL
Transmit and receive filters and transformers.
PCA Electronics
EPA1990AG
SMT device
Transmit and receive filters and transformers.
PCA Electronics
EPA2013D
16-pin 0.3" DIL
Transmit and receive filters and transformers, transmit common mode choke.
PCA Electronics
EPA2013DG
SMT device
Transmit and receive filters and transformers, transmit common mode choke.
Pulse Engineering
78Z034C
16-pin DIL
Transmit and receive filters and transformers, transmit common mode chokes.
Pulse Engineering
78Z1120B-01
16-pin DIL
Transmit and receive filters and transformers.
Pulse Engineering
78Z1122B-01
16-pin DIL
Transmit and receive filters, transformers and common mode chokes.
Pulse Engineering
PE-68017S
10-pin SIL
Transmit and receive filters, transformers and common mode chokes.
Pulse Engineering
PE-68026
16-pin SMT
Transmit and receive filters, transformers and common mode chokes.
Pulse Engineering
PE-68056
16-pin SMT
Transmit and receive filters, transformers and common mode chokes.
Pulse Engineering
PE-68032
13-pin PCMCIA-SMT
Transmit and receive filters and transformers, transmit common mode chokes.
TDK
TLA-3M601-RS
10-pin SIP
Transmit and receive filters and transformers, transmit common mode chokes.
TDK
TLA-3M102(-T)
16-pin SMD
Integrated resistors, transmit and receive filters and transformers, transmit common
mode chokes.
TDK
TLA-3M103(-T)
16-pin SMD
Transmit and receive filters and transformers, transmit common mode chokes.
Valor Electronics
PT3877
16-pin 0.3" DIL
Transmit and receive filters and transformers.
Valor Electronics
PT3983
8-pin 0.3" DIL
Transmit and receive common mode chokes.
Valor Electronics
FL1012
16-pin 0.3" DIL
Transmit and receive filters and transformers, transmit common mode chokes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com