Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981JC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C981JC
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981JC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C981JC Datasheet HTML 25Page - Advanced Micro Devices AM79C981JC Datasheet HTML 26Page - Advanced Micro Devices AM79C981JC Datasheet HTML 27Page - Advanced Micro Devices AM79C981JC Datasheet HTML 28Page - Advanced Micro Devices AM79C981JC Datasheet HTML 29Page - Advanced Micro Devices AM79C981JC Datasheet HTML 30Page - Advanced Micro Devices AM79C981JC Datasheet HTML 31Page - Advanced Micro Devices AM79C981JC Datasheet HTML 32Page - Advanced Micro Devices AM79C981JC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AMD
PRELIMINARY
1–99
Am79C981
SWITCHING CHARACTERISTICS (continued)
Notes:
1. Parameter not tested.
2. Uses switching test load.
3. DI pulses narrower than tPWODI (min) will be rejected; pulses wider than tPWODI (max) will turn internal DI carrier sense on.
4. DI pulses narrower than tPWKDI (min) will maintain internal DI carrier sense on; pulses wider than tPWKDI (max) will turn internal
DI carrier sense off.
5. CI pulses narrower than tPWOCI (min) will be rejected; pulses wider than tPWOCI (max) will turn internal CI carrier sense on.
6. CI pulses narrower than tPWKCI (min) will maintain internal CI carrier sense on; pulses wider than tPWKCI (max) will turn
internal CI carrier sense off.
7. RXD pulses narrower than tPWKRD (min) will maintain internal RXD carrier sense on; pulse wider than tPWKRD (max) will
turn internal RXD carrier sense off.
8. For the typical twisted pair load as shown in Figure 7, using a 100
Ω cable, an additional 28 mA (max) of IDD current is
required for each twisted pair port used. Less than 18% of the power associated with this additional current is dissipated
by the IMR+ chip; the remainder is dissipated externally in the twisted pair load and cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com