Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592IMSE Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LT3592IMSE Datasheet HTML 8Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 9Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 10Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 11Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 12Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 13Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 14Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 15Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 16Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3592
12
3592fc
APPLICATIONS INFORMATION
As the input voltage increases, the inductor current ramps
up more quickly, the number of skipped pulses increases,
and the output voltage ripple increases. For operation
above VIN(MAX), the only component requirement is that
they be adequately rated for operation at the intended
voltage levels.
The LT3592 is robust enough to survive prolonged opera-
tion under these conditions as long as the peak inductor
current does not exceed 1.2A. Inductor saturation due to
high current may further limit performance in this operat-
ing regime.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = 1.2A •
V
OUT + 0.2V + VD
()
ƒ
where VD is the forward voltage drop of the catch diode
(~0.4V), f is the switching frequency in MHz and L is in μH.
With this value, there will be no subharmonic oscillation for
applications with 50% or greater duty cycle. For low duty
cycle applications in which VIN is more than three times
VOUT, a good guide for the minimum inductor value is
L
= 1.7 •
VIN VOUT 0.2V
()
VIN VSW + VD
VOUT + 0.2V + VD
()
ƒ
where VSW is the switch voltage drop (about 0.3V at
500mA). The inductor’s RMS current rating must be greater
than your maximum load current and its saturation current
should be about 30% higher. For robust operation in fault
conditions, the saturation current should be above 1.5A. To
keep efficiency high, the series resistance (DCR) should be
less than 0.1Ω. Table 2 lists several inductor vendors.
Of course, such a simple design guide will not always re-
sult in the optimum inductor for your application. A larger
value provides a higher maximum load current and reduces
output voltage ripple at the expense of a slower transient
response. If your load is lower than 500mA, then you can
decrease the value of the inductor and operate with higher
ripple current. This allows you to use a physically smaller
inductor, or one with a lower DCR resulting in higher effi-
ciency. There are several graphs in the Typical Performance
Characteristics section of this data sheet that show the
maximum load current as a function of input voltage and
inductor value for several popular output voltages. Low
inductance may result in discontinuous mode operation,
which is acceptable, but further reduces maximum load
current. For details of the maximum output current and
discontinuous mode operation, see Linear Technology
Application Note 44.
Catch Diode
Depending on load current, a 500mA to 1A Schottky di-
ode is recommended for the catch diode, D1. The diode
must have a reverse voltage rating equal to or greater
than the maximum input voltage. The ON Semiconductor
MBRA140T3 and Central Semiconductor CMMSH1-40 are
good choices, as they are rated for 1A continuous forward
current and a maximum reverse voltage of 40V.
Input Filter Network
For applications that only require a capacitor, bypass VIN
with a 1μF or higher ceramic capacitor of X7R or X5R
type. Y5V types have poor performance over tempera-
ture and applied voltage and should not be used. A 1μF
ceramic capacitor is adequate to bypass the LT3592 and
will easily handle the ripple current. However, if the input
power source has high impedance, or there is significant
inductance due to long wires or cables, additional bulk
capacitance might be necessary. The can be provided
with a low performance (high ESR) electrolytic capacitor
in parallel with the ceramic device.
Some applications, such as those in automobiles, may
require extra filtering due to EMI/EMC requirements. In
these applications, very effective EMI filtering can be pro-
vided by a capacitor to ground right at the source voltage,
a series ferrite bead, and a pi filter composed of a capacitor
to ground, a series inductor, and another capacitor directly
from the device pin to ground (see the Block Diagram for
an example). Typical values for the filter components are
10nF for C2C, a ferrite bead that is ~220Ω at 100MHz for
L2, 3.3μF for C2B, 10μH for L3, and 1μF for C2A.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com