Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 14 Page - Linear Integrated Systems

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592IMSE Datasheet(HTML) 14 Page - Linear Integrated Systems

Back Button LT3592IMSE Datasheet HTML 10Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 11Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 12Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 13Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 14Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 15Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 16Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 17Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 18Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3592
14
3592fc
APPLICATIONS INFORMATION
BOOST Pin Considerations
The capacitor C3 and an internal Schottky diode from
the CAP to the BOOST pin are used to generate a boost
voltage that is higher than the input voltage. An external
fast switching Schottky diode (such as the BAS40) can
be used in parallel with the internal diode to make this
boost circuit even more effective. In most cases, a 0.1μF
capacitor works well for the boost circuit. The BOOST pin
must be at least 2.5V above the SW pin for best efficiency.
For output voltages above 12V, use a 0.1μF cap and an
external boost diode (such as a BAS40) connected in
parallel with the internal Schottky diode, anode to CAP
and cathode to BOOST. For outputs between 3.3V and
12V, the 0.1μF cap and the internal boost diode will be
effective. For 3V to 3.3V outputs, use a 0.22μF capacitor.
For output between 2.5V and 3V, use a 0.47μF capacitor
and an external Schottky diode connected as shown in
Figure 5a. For lower output voltages, the external boost
diode’s anode can be tied to the input voltage. This con-
nection is not as efficient as the others because the BOOST
pin current comes from a higher voltage. The user must
also be sure that the maximum voltage rating of the BOOST
pin is not exceeded.
Figure 4. Transient Load Response of the LT3592 with Different Output Capacitors
Figure 5. Two Circuits for Generating the Boost Voltage
VIN
CAP
BOOST
GND
SW
DA
BATT
LT3592
(5a)
D2
OPTIONAL
C3
3592 F05a
VIN
CAP
BOOST
GND
SW
BATT
LT3592
(5b)
D2
C3
3592 F05b
DA
100μs/DIV
VSW
VOUT
ILED
100μs/DIV
VSW
3592 F04
VOUT
ILED
C = 4.7μF
C = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com