Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 24 Page - Linear Integrated Systems

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592IMSE Datasheet(HTML) 24 Page - Linear Integrated Systems

Back Button LT3592IMSE Datasheet HTML 16Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 17Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 18Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 19Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 20Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 21Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 22Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 23Page - Linear Integrated Systems LT3592IMSE Datasheet HTML 24Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3592
24
3592fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0409 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1932
Constant Current, 1.2MHz, High Efficiency White LED Boost
Regulator
VIN(MIN) = 1V, VIN(MAX) = 10V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD < 1μA, ThinSOT™ Package
LT3465/
LT3465A
Constant Current, 1.2MHz/2.7MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN(MIN) = 2.7V, VIN(MAX) = 16V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD < 1μA, ThinSOT Package
LT3466/
LT3466-1
Dual Constant Current, 2MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN(MIN) = 2.7V, VIN(MAX) = 24V, VOUT(MAX) = 40V, Dimming 5mA,
ISD < 16μA, 3mm × 3mm DFN-10 Package
LT3474/
LT3474-1
36V, 1A (ILED), 2MHz,Step-Down LED Driver
VIN(MIN) = 4V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, Dimming 400:1 True
Color PWM, ISD < 1μA, TSSOP-16E Package
LT3475/
LT3475-1
Dual 1.5A(ILED), 36V, 2MHz,Step-Down LED Driver
VIN(MIN) = 4V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, Dimming 3,000:1 True
Color PWM, ISD < 1μA, TSSOP-20E Package
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with
1,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 16V, VOUT(MAX) = 36V, Dimming 1,000:1 True
Color PWM, ISD < 10μA, 5mm × 7mm QFN-10 Package
LT3478/
LT3478-1
4.5A, 2MHz High Current LED Driver with 3,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 36V, VOUT(MAX) = 40V, Dimming 1,000:1 True
Color PWM, ISD < 10μA, 5mm × 7mm QFN-10 Package
LT3486
Dual 1.3A , 2MHz High Current LED Driver
VIN(MIN) = 2.5V, VIN(MAX) = 24V, VOUT(MAX) = 36V, Dimming 1,000:1 True
Color PWM, ISD < 1μA, 5mm × 3mm DFN, TSSOP-16E Package
LT3491
Constant Current, 2.3MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 27V, Dimming 300:1 True
Color PWM, ISD < 8μA, 2mm × 2mm DFN-6, SC70 Package
LT3496
Triple Output 750mA, 2.1MHz High Current LED Driver with
3,000:1 Dimming
VIN(MIN) = 3V, VIN(MAX) = 30V, VOUT(MAX) = 40V, Dimming 3,000:1 True
Color PWM, ISD < 1μA, 4mm × 5mm QFN-28 Package
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated
Schottkys and 250:1 True Color PWM Dimming
VIN(MIN) = 2.5V, VIN(MAX) = 10V, VOUT(MAX) = 32V, Dimming 250:1 True
Color PWM, ISD < 12μA, 2mm × 3mm DFN-10 Package
LT3498
20mA LED Driver and OLED Driver Integrated Schottkys
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 32V, Dimming Analog/PWM,
ISD < 8.5μA, 2mm × 3mm DFN-10 Package
LT3517
1.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming VIN(MIN) = 3V, VIN(MAX) = 30V, Dimming 3,000:1 True Color PWM,
ISD < 1μA, 4mm × 4mm QFN-16 Package
LT3518
2.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming VIN(MIN) = 3V, VIN(MAX) = 30V, Dimming 3,000:1 True Color PWM,
ISD < 1μA, 4mm × 4mm QFN-16 Package
LT3590
48V, 850kHz, 50mA Step-Down LED Driver
VIN(MIN) = 4.5V, VIN(MAX) = 50V, Dimming 0.4, ISD < 15μA, 2mm × 2mm
DFN-6, SC70 Package
LT3591
Constant Current, 1MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode and 80:1 True Color
PWM Dimming
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 40V, Dimming 80:1 True
Color PWM, ISD < 9μA, 3mm × 2mm DFN-8 Package
ThinSOT is a trademark of Linear Technology Corporation.
33μH
158k
3592 TA05
4.7μF
WHITE LEDs
1μF
0.4Ω
10k
0.1μF
MBRA140
BAS40
VIN
SHDN
BRIGHT
RT
BOOST
SW
DA
CAP
OUT
VFB
LT3592
GND
BRIGHT
140k
900kHz
VIN
24V TO 36V
ON
OFF
TYPICAL APPLICATIONS
Five White LED Driver with External Booste Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com