Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 35Page - Advanced Micro Devices AMD-K6 Datasheet HTML 36Page - Advanced Micro Devices AMD-K6 Datasheet HTML 37Page - Advanced Micro Devices AMD-K6 Datasheet HTML 38Page - Advanced Micro Devices AMD-K6 Datasheet HTML 39Page - Advanced Micro Devices AMD-K6 Datasheet HTML 40Page - Advanced Micro Devices AMD-K6 Datasheet HTML 41Page - Advanced Micro Devices AMD-K6 Datasheet HTML 42Page - Advanced Micro Devices AMD-K6 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 346 page
background image
Chapter 3
Software Environment
21
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
3
Software Environment
This chapter provides a general overview of the AMD-K6
processor’s x86 software environment and briefly describes the
data types, registers, operating modes, interrupts, and
instructions supported by the AMD-K6 architecture and design
implementation.
3.1
Registers
The AMD-K6 processor contains all the registers defined by the
x86 architecture, including ge ne ral-purpose , segm ent,
floating-point, MMX, EFLAGS, control, task, debug, test, and
descriptor/memory-management registers. In addition, this
chapter provides information on the AMD-K6 Model-Specific
Registers (MSRs).
Note: Areas of the register designated as Reserved should not be
modified by software.
General-Purpose
Registers
The eight 32-bit x86 general-purpose registers are used to hold
integer data or memory pointers used by instructions. Table 2
contains a list of the general-purpose registers and the
functions for which they are used.
In order to support byte and word operations, EAX, EBX, ECX,
and EDX can also be used as 8-bit and 16-bit registers. The
shorter registers are overlaid on the longer ones. For example,
the name of the 16-bit version of EAX is AX (low 16 bits of
EAX) and the 8-bit names for AX are AH (high order bits) and
Table 2.
General-Purpose Registers
Register
Function
EAX
Commonly used as an accumulator
EBX
Commonly used as a pointer
ECX
Commonly used for counting in loop operations
EDX
Commonly used to hold I/O information and to pass parameters
EDI
Commonly used as a destination pointer by the ES segment
ESI
Commonly used as a source pointer by the DS segment
ESP
Used to point to the stack segment
EBP
Used to point to data within the stack segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com