Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 56Page - Advanced Micro Devices AMD-K6 Datasheet HTML 57Page - Advanced Micro Devices AMD-K6 Datasheet HTML 58Page - Advanced Micro Devices AMD-K6 Datasheet HTML 59Page - Advanced Micro Devices AMD-K6 Datasheet HTML 60Page - Advanced Micro Devices AMD-K6 Datasheet HTML 61Page - Advanced Micro Devices AMD-K6 Datasheet HTML 62Page - Advanced Micro Devices AMD-K6 Datasheet HTML 63Page - Advanced Micro Devices AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 346 page
background image
42
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Paging
The AMD-K6 processor can address up to 4 Gbytes of memory.
This memory can be segmented into pages. The size of these
pages is determined by the operating system design and the
values set up in the Page Directory Entries (PDE) and Page
Table Entries (PTE). The processor can access both 4-Kbyte
pages and 4-Mbyte pages, and the page sizes can be intermixed
within a page directory. When the Page Size Extension (PSE)
bit in CR4 is set, the processor translates linear addresses using
either the 4-Kbyte Translation Lookaside Buffer (TLB) or the
4-Mbyte TLB, depending on the state of the page size (PS) bit in
the page directory entry. Figures 35 and 36 show how 4-Kbyte
and 4-Mbyte page translations work.
Figure 35. 4-Kbyte Paging Mechanism
Linear Address
Page
Directory
Page
Table
4-Kbyte
Page
Frame
CR3
0
11
12
21
31
22
Page Directory
Offset
Page Table
Offset
Page
Offset
PDE
PTE
Physical
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com