Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 75Page - Advanced Micro Devices AMD-K6 Datasheet HTML 76Page - Advanced Micro Devices AMD-K6 Datasheet HTML 77Page - Advanced Micro Devices AMD-K6 Datasheet HTML 78Page - Advanced Micro Devices AMD-K6 Datasheet HTML 79Page - Advanced Micro Devices AMD-K6 Datasheet HTML 80Page - Advanced Micro Devices AMD-K6 Datasheet HTML 81Page - Advanced Micro Devices AMD-K6 Datasheet HTML 82Page - Advanced Micro Devices AMD-K6 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 346 page
background image
Chapter 3
Software Environment
61
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
PUSH EDI
57h
short
store
PUSH imm8
6Ah
long
store
PUSH imm16/32
68h
long
store
PUSH mreg16/32
FFh
11-110-xxx
vector
PUSH mem16/32
FFh
mm-110-xxx
long
load, store
PUSHA/PUSHAD
60h
vector
PUSHF/PUSHFD
9Ch
vector
RCL mreg8, imm8
C0h
11-010-xxx
vector
RCL mem8, imm8
C0h
mm-010-xxx
vector
RCL mreg16/32, imm8
C1h
11-010-xxx
vector
RCL mem16/32, imm8
C1h
mm-010-xxx
vector
RCL mreg8, 1
D0h
11-010-xxx
vector
RCL mem8, 1
D0h
mm-010-xxx
vector
RCL mreg16/32, 1
D1h
11-010-xxx
vector
RCL mem16/32, 1
D1h
mm-010-xxx
vector
RCL mreg8, CL
D2h
11-010-xxx
vector
RCL mem8, CL
D2h
mm-010-xxx
vector
RCL mreg16/32, CL
D3h
11-010-xxx
vector
RCL mem16/32, CL
D3h
mm-010-xxx
vector
RCR mreg8, imm8
C0h
11-011-xxx
vector
RCR mem8, imm8
C0h
mm-011-xxx
vector
RCR mreg16/32, imm8
C1h
11-011-xxx
vector
RCR mem16/32, imm8
C1h
mm-011-xxx
vector
RCR mreg8, 1
D0h
11-011-xxx
vector
RCR mem8, 1
D0h
mm-011-xxx
vector
RCR mreg16/32, 1
D1h
11-011-xxx
vector
RCR mem16/32, 1
D1h
mm-011-xxx
vector
RCR mreg8, CL
D2h
11-011-xxx
vector
RCR mem8, CL
D2h
mm-011-xxx
vector
RCR mreg16/32, CL
D3h
11-011-xxx
vector
RCR mem16/32, CL
D3h
mm-011-xxx
vector
RET near imm16
C2h
vector
RET near
C3h
vector
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com