Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC010CFLKA Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AMC010CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC010CFLKA Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AMC010CFLKA Datasheet HTML 25Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 26Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 27Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 28Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 29Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 30Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 31Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 32Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
5/4/98
AmC0XXCFLKA
29
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . –30
°C to +70°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . . –10
°C to +70°C
Voltage at All Pins (Note 1) . . . . . . . . –2.0 V to +7.0 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.5 V to 6.0 V
Output Short Circuit Current (Note 2) . . . . . . . 40 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
voltage transitions, inputs may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on output
and I/O pins is VCC + 0.5 V. During voltage transitions,
outputs may overshoot to VCC + 2.0 V for periods up to
20ns.
2. No more than one output shorted at a time. Durations of
the short circuit should not be greater than one second.
Conditions equal VOUT = 0.5 V or 5.0 V, VCC = VCC max.
These values are chosen to avoid test problems caused
by tester ground degradation. This parameter is sampled
and not 100% tested, but guaranteed by characterization.
3. VPP1 and VPP2 are not connected.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the op-
erational sections of this specification is not implied. Expo-
sure of the device to absolute maximum rating conditions for
extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TC). . . . . . . . . . . . . .0°C to +60°C
VCC Supply Voltages. . . . . . . . . . . . +4.75 V to 5.25 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com