Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC010CFLKA Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AMC010CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC010CFLKA Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AMC010CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 9Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 10Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 11Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 12Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 13Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
AmC0XXCFLKA
5/4/98
Table 4.
Odd Byte Command Definitions (Note 5)
*Address for Memory Segment 1 (S1) only. Address for the higher odd memory segments (S3–S19) = (Addr) + ((N–1)/2)*
100000H + 80000H where N = Memory Segment number (1) for 1 Mbyte, N = (1, 3) for 2 Mbyte, N = (1, 3, 5, 7) for 4 Mbyte,
N = (1…19) for 10 Mbyte.
Notes:
1. Address bit A16 = X = Don’t Care for all address commands except for Program Address (PA), Read Address (RA) and Sector
Address (SA).
2. Bus operations are defined in Table 1.
3. RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse.
SA = Address of the sector to be erased. The combination of A17, A18, A19 will uniquely select any sector of a segment.
To select the memory segment:1 and 2 Mbyte: Use CE2 and A20
4 Mbyte:
Use CE2 and A20, A21
10 Mbyte:
Use CE2 and A20–A23.
4. RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE pulse.
5. A0 = 1 and CE1 = 0 or A0 = X and CE2 = 0.
Embedded
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Reset/Read
4
AAABH AAH 5555H
55H AAABH F0H
RA
RD
Autoselect
4
AAABH AAH 5555H
55H AAABH
90H
00H/02H 01H/A4H
Byte Write
4
AAABH AAH 5555H
55H AAABH A0H
PA
PD
Segment Erase
6
AAABH AAH 5555H
55H AAABH
80H
AAABH
AAH
5555H
55H
AAABH
10H
Sector Erase
6
AAABH AAH 5555H
55H AAABH
80H
AAABH
AAH
5555H
55H
SA
30H
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (don’t care), Data (B0H)
Sector Erase Resume
Erase can be resumed after suspend with Addr (don’t care), Data (30H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com