Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC010CFLKA Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AMC010CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC010CFLKA Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AMC010CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC010CFLKA Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
5/4/98
AmC0XXCFLKA
41
PHYSICAL DIMENSIONS*
Type 1 PC Card
Trademarks
Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved.
AMD and the AMD logo are registered trademarks of Advanced Micro Devices, Inc.
Embedded Erase and Embedded Program are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
10.0 Min (mm)
10.0 Min (mm)
85.6
± 0.2 mm
54.0 ± 0.1 mm
3.3
± 0.1 mm
34
1
35
68
Front Side
Back Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com