Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290BCSW Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 4Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 5Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 6Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 7Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 8Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 9Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 10Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 11Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1290
1290fe
PI FU CTIO S
DIN (Pin 17): Digital Data Input. The A/D configuration
word is shifted into this input after CS is recognized.
SCLK (Pin 18): Shift Clock. This clock synchronizes the
serial data transfer.
ACLK (Pin 19): A/D Conversion Clock. This clock controls
the A/D conversion process.
VCC (Pin 20): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the analog
ground plane.
BLOCK DIAGRAM
INPUT
SHIFT
REGISTER
SAMPLE-
AND-
HOLD
12-BIT
CAPACITIVE
DAC
VCC
20
ANALOG
INPUT MUX
1
2
3
4
5
6
7
8
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DOUT
16
SCLK
18
CONTROL
AND
TIMING
15
CS
LTC1290 • BD
17
REF+
14
DGND
10
AGND
11
V–
12
REF–
13
COMP
OUTPUT
SHIFT
REGISTER
DIN
19
ACLK
12-BIT
SAR
TEST CIRCUITS
5V
A
A
IOFF
ION
POLARITY
OFF
CHANNELS
ON CHANNEL
LTC1290 • TC01
•
•
•
•
On and Off Channel Leakage Current
Load Circuit for tdis and ten
DOUT
3k
100pF
TEST POINT
5V WAVEFORM 2
WAVEFORM 1
LTC1290 • TC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com