Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290BCSW Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC1290BCSW Datasheet HTML 1Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 2Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 3Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 4Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 5Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 6Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 7Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 8Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1290
1290fe
LTC1290B
LTC1290C
LTC1290D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
●
±1.5
±1.5
±1.5
LSB
Linearity Error (INL)
(Notes 4, 5)
●
±0.5
±0.5
±0.75
LSB
Gain Error
(Note 4)
●
±0.5
±1.0
±4.0
LSB
Minimum Resolution for Which
●
12
12
12
Bits
No Missing Codes are Guaranteed
Analog and REF Input Range
(Note 7)
(V–) – 0.05V to VCC + 0.05V (V
–) – 0.05V to VCC + 0.05V (V–) – 0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 5V
●
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
±1
±1
±1
µA
Off Channel = 5V
Off Channel Leakage Current
On Channel = 5V
●
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
±1
±1
±1
µA
Off Channel = 5V
CO VERTER A D
ULTIPLEXER CHARACTERISTICS The ● denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com