Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290BCSW Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 9Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 10Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 11Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 12Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 13Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 14Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 15Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 16Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
MSB-First/LSB-First Format (MSBF)
The output data of the LTC1290 is programmed for MSB-
first or LSB-first sequence using the MSBF bit. For MSB
first output data the input word clocked to the LTC1290
should always contain a logical one in the sixth bit location
(MSBF bit). Likewise for LSB-first output data the input
word clocked to the LTC1290 should always contain a zero
in the MSBF bit location. The MSBF bit affects only the
order of the output data word. The order of the input word
is unaffected by this bit.
MSBF
OUTPUT FORMAT
0
LSB First
1
MSB First
Word Length (WL1, WL0) and Power Shutdown
The last two bits of the input word (WL1 and WL0)
program the output data word length and the power
shutdown feature of the LTC1290. Word lengths of 8, 12
or 16 bits can be selected according to the following table.
The WL1 and WL0 bits in a given DIN word control the
length of the present, not the next, DOUT word. WL1 and
WL0 are never “don’t cares” and must be set for the
correct DOUT word length even when a “dummy” DIN word
is sent. On any transfer cycle, the word length should be
made equal to the number of SCLK cycles sent by the
MPU. Power down will occur when WL1 = 0 and WL0 = 1
is selected. The previous conversion result will be clocked
out as a 10 bit word so a “dummy” conversion is required
before powering down the LTC1290. Conversions are
resumed once CS goes low or an SCLK is applied, if CS is
already low.
WL1
WL0
OUTPUT WORD LENGTH
0
0
8-Bits
0
1
Power Shutdown
1
0
12-Bits
1
1
16-Bits
Deglitcher
A deglitching circuit has been added to the Chip Select
input of the LTC1290 to minimize the effects of errors
caused by noise on that input. This circuit ignores changes
in state on the CS input that are shorter in duration than
one ACLK cycle. After a change of state on the CS input, the
LTC1290 waits for two falling edge of the ACLK before
recognizing a valid chip select. One indication of CS
recognition is the DOUT line becoming active (leaving the
Hi-Z state). Note that the deglitching applies to both the
rising and falling CS edges.
CS Low During Conversion
In the normal mode of operation, CS is brought high
during the conversion time. The serial port ignores any
SCLK activity while CS is high. The LTC1290 will also
operate with CS low during the conversion. In this mode,
SCLK must remain low during the conversion as shown in
the following figure. After the conversion is complete, the
DOUT line will become active with the first output bit. Then
the data transfer can begin as normal.
Low CS Recognized Internally
High CS Recognized Internally
DOUT
CS
LTC1290 • AI07
ACLK
VALID OUTPUT
HI-Z
DOUT
CS
LTC1290 • AI06
ACLK
VALID OUTPUT
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com