Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F256 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 2 Page - Advanced Micro Devices

  28F256 Datasheet HTML 1Page - Advanced Micro Devices 28F256 Datasheet HTML 2Page - Advanced Micro Devices 28F256 Datasheet HTML 3Page - Advanced Micro Devices 28F256 Datasheet HTML 4Page - Advanced Micro Devices 28F256 Datasheet HTML 5Page - Advanced Micro Devices 28F256 Datasheet HTML 6Page - Advanced Micro Devices 28F256 Datasheet HTML 7Page - Advanced Micro Devices 28F256 Datasheet HTML 8Page - Advanced Micro Devices 28F256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Am28F256
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as inputs to an internal state-machine which
controls the erase and programming circuitry. During
write cycles, the command register internally latches ad-
dress and data needed for the programming and erase
operations. For system design simplification, the
Am28F256 is designed to support either WE# or CE#
controlled writes. During a system write cycle, ad-
dresses are latched on the falling edge of WE# or CE#
whichever occurs last. Data is latched on the rising edge
of WE# or CE# whichever occurs first. To simplify the fol-
lowing discussion, the WE# pin is used as the write cycle
control pin throughout the rest of this text. All setup and
hold times are with respect to the WE# signal.
AMD’s Flash technology combines years of EPROM
and EEPROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The
Am28F256 electrically erases all bits simultaneously
using Fowler-Nordheim tunneling. The bytes are
programmed one byte at a time using the EPROM
programming mechanism of hot electron injection.
BLOCK DIAGRAM
PRODUCT SELECTOR GUIDE
Family Part Number
Am28F256
Speed Options (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
-200
Max Access Time (ns)
70
90
120
150
200
CE# (E#) Access (ns)
70
90
120
150
200
OE# (G#) Access (ns)
35
35
50
55
55
Erase
Voltage
Switch
Command
Register
Program
Voltage
Switch
Chip Enable
Output Enable
Logic
Y-Decoder
X-Decoder
Y-Gating
262,144
Bit
Cell Matrix
11560F-1
A0–A14
OE#
CE#
WE#
VSS
VCC
To Array
DQ0–DQ7
Input/Output
Buffers
Data
Latch
VPP
Address
Latch
Low VCC
Detector
Program/Erase
Pulse Timer
State
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com