Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F256 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 1 Page - Advanced Micro Devices

  28F256 Datasheet HTML 1Page - Advanced Micro Devices 28F256 Datasheet HTML 2Page - Advanced Micro Devices 28F256 Datasheet HTML 3Page - Advanced Micro Devices 28F256 Datasheet HTML 4Page - Advanced Micro Devices 28F256 Datasheet HTML 5Page - Advanced Micro Devices 28F256 Datasheet HTML 6Page - Advanced Micro Devices 28F256 Datasheet HTML 7Page - Advanced Micro Devices 28F256 Datasheet HTML 8Page - Advanced Micro Devices 28F256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FINAL
Publication# 11560
Rev: G Amendment/+2
Issue Date: January 1998
Am28F256
256 Kilobit (32 K x 8-Bit)
CMOS 12.0 Volt, Bulk Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s High performance
— 70 ns maximum access time
s CMOS Low power consumption
— 30 mA maximum active current
— 100 µA maximum standby current
— No data retention power consumption
s Compatible with JEDEC-standard byte-wide
32-Pin EPROM pinouts
— 32-pin PDIP
— 32-pin PLCC
— 32-pin TSOP
s 10,000 write/erase cycles minimum
s Write and erase voltage 12.0 V
±5%
s Latch-up protected to 100 mA
from –1 V to VCC +1 V
s Flasherase Electrical Bulk Chip-Erase
— One second typical chip-erase
s Flashrite Programming
— 10 µs typical byte-program
— 0.5 second typical chip program
s Command register architecture for
microprocessor/microcontroller compatible
write interface
s On-chip address and data latches
s Advanced CMOS flash memory technology
— Low cost single transistor memory cell
s Automatic write/erase pulse stop timer
GENERAL DESCRIPTION
The Am28F256 is a 256 K Flash memory organized as
32 Kbytes of 8 bits each. AMD’s Flash memories offer
the most cost-effective and reliable read/write non-
volatile random access memory. The Am28F256 is
packaged in 32-pin PDIP, PLCC, and TSOP versions. It
is designed to be reprogrammed and erased in-system
or in standard EPROM programmers. The Am28F256
is erased when shipped from the factory.
The standard Am28F256 offers access times as fast as
70 ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the Am28F256 has separate chip enable (CE#) and
output enable (OE#) controls.
AMD’s Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
Am28F256 uses a command register to manage this
functionality, while maintaining a standard JEDEC
Flash Standard 32-pin pinout. The command register
allows for 100% TTL level control inputs and fixed
power supply levels during erase and programming.
AMD’s Flash technology reliably stores memor y
contents even after 10,000 erase and program cycles.
The AMD cell is designed to optimize the erase and
programming mechanisms. In addition, the combina-
tion of advanced tunnel oxide processing and low
internal electric fields for erase and programming
operations produces reliable cycling. The Am28F256
uses a 12.0V
±5% V
PP high voltage input to perform
the Flasherase and Flashrite algorithms.
The highest degree of latch-up protection is achieved
with AMD’s proprietar y non-epi process. Latch-up
protection is provided for stresses up to 100 milliamps
on address and data pins from –1 V to VCC +1 V.
The Am28F256 is byte programmable using 10 µs
programming pulses in accordance with AMD ’s
Flashrite programming algorithm. The typical room
temperature programming time of the Am28F256 is a
half a second. The entire chip is bulk erased using
10 ms erase pulses according to AMD’s Flasherase
alrogithm. Typical erasure at room temperature is
accomplished in less than one second. The windowed
package and the 15-20 minutes required for EPROM
erasure using ultra-violet light are eliminated.


Similar Part No. - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
28F256 STMICROELECTRONICS-28F256 Datasheet
715Kb / 20P
256K(32K x8, Chip Erase)FLASH MEMORY
Mar-1996
28F256 STMICROELECTRONICS-28F256 Datasheet
523Kb / 20P
512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
Aug-1998
logo
Advanced Micro Devices
28F256 AMD-28F256 Datasheet
456Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
Intel Corporation
28F256L18 INTEL-28F256L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F256L18 NUMONYX-28F256L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
More results

Similar Description - 28F256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com