Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F256 Datasheet (PDF) - Advanced Micro Devices

28F256 Datasheet PDF - Advanced Micro Devices
Part # 28F256
Download  28F256 Download
File Size   493.47 Kbytes
Page   35 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory

28F256 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F256 Datasheet PDF - Advanced Micro Devices

Part # 28F256
Download  28F256 Click to download

File Size   493.47 Kbytes
Page   35 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory

28F256 Datasheet (HTML) - Advanced Micro Devices


28F256 Product details

GENERAL DESCRIPTION
The Am28F256 is a 256 K Flash memory organized as 32 Kbytes of 8 bits each. AMD’s Flash memories offer the most cost-effective and reliable read/write non volatile random access memory. The Am28F256 is packaged in 32-pin PDIP, PLCC, and TSOP versions. It is designed to be reprogrammed and erased in-system or in standard EPROM programmers. The Am28F256 is erased when shipped from the factory.

DISTINCTIVE CHARACTERISTICS
■ High performance
  — 70 ns maximum access time
■ CMOS Low power consumption
  — 30 mA maximum active current
  — 100 µA maximum standby current
  — No data retention power consumption
■ Compatible with JEDEC-standard byte-wid 32-Pin EPROM pinouts
  — 32-pin PDIP
  — 32-pin PLCC
  — 32-pin TSOP
■ 10,000 write/erase cycles minimum
■ Write and erase voltage 12.0 V ±5%
■ Latch-up protected to 100 mA
from –1 V to VCC +1 V
■ Flasherase Electrical Bulk Chip-Erase
  — One second typical chip-erase
■ Flashrite Programming
  — 10 µs typical byte-program
  — 0.5 second typical chip program
■ Command register architecture for microprocessor/microcontroller compatible write interface
■ On-chip address and data latches
■ Advanced CMOS flash memory technology
  — Low cost single transistor memory cell
■ Automatic write/erase pulse stop timer




Similar Part No. - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
28F256 STMICROELECTRONICS-28F256 Datasheet
715Kb / 20P
256K(32K x8, Chip Erase)FLASH MEMORY
Mar-1996
28F256 STMICROELECTRONICS-28F256 Datasheet
523Kb / 20P
512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
Aug-1998
logo
Advanced Micro Devices
28F256 AMD-28F256 Datasheet
456Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
Intel Corporation
28F256L18 INTEL-28F256L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F256L18 NUMONYX-28F256L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
More results


Similar Description - 28F256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com